Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-DSL88 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PM-DSL88
Description  DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DSL88 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PM-DSL88 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pm-dslxx 01/02
DSL LINE ISOLATION
TRANSFORMERS
THRU HOLE OR SMD
TEMP RANGE
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
IC
Manufacture
PM-DSL68G
1 : 1.27
17.6
12
1.4
.85
EP13G/T
Analog Devices
AD20msp918
PM-DSL69
1 : 2.2
3.0
11
2.5
1.0
EP13/D
Globespan
HDSL2
PM-DSL70
1 : 3.3
.800
10
1.1
.40
EP13/D
Conexant
20441
PM-DSL70G
1 : 3.3
.800
10
1.1
.40
EP13G/D
Conexant
20441
PM-DSL71
1 : 1.41
.100
12
1.0
1.0
EP13G/B
Globespan
DSL
PM-DSL72G
1 : 2.0
.100
12
1.4
.50
EP13G/B
Globespan
DSL
PM-DSL73G 1 : 4.0
2.0
12
2.5
1.0
EP13G/A
Globespan
MDSL
PM-DSL74G 1 : 5.4
3.0
12
2.2
.44
EP13G/A
Globespan
MDSL2
PM-DSL75
1 : 1.1
2.0
10
2.6
2.4
EP13/T
Analog Devices AD20msp930
PM-DSL75G 1 : 1.1
2.0
10
2.6
2.4
EP13G/T
Analog Devices AD20msp930
PM-DSL76G 1 : 1.0
.440
5
2.0
1.0
EP13G/T
Centillium
CT-L41SC04
PM-DSL77G 1 : 1.8
.450
6
1.6
.30
EP13G/I
Analog Devices CT-L50SC04
PM-DSL78
1 : 2.0
.800
10
1.4
.80
EP13/D
Conexant
CN9001
PM-DSL79G 1 : 1.0
5.0
18
1.65
1.65 EP13G/T
Centillium
CT-L41ST01
PM-DSL80
1 : 1.27
17.6
12
1.8
1.0
EP13/T
Analog Devices AD20msp918
PM-DSL81
1 : 2.3
2.0
35
1.6
.85
EP13/D
Level One
SK 70740
PM-DSL82G 1 : 5.4
2.0
18
5.0
.30
EP10/X
Globespan
PM-DSL83G
1 : 1.0
200
60
18.5
18.5 EP13/N
Level One
LXT400
PM-DSL84
1 : 7.48
3.0
38
6.0
0.30 EP13/V
PM-DSL84G
1 : 7.48
3.0
38
6.0
0.30 EP13G/V
PM-DSL85
1 : 5.4
3.0
15
3.2
0.35 EP13/W
Globespan
GS 2237/GS3137
PM-DSL85G
1 : 5.4
3.0
15
3.2
0.35 EP13G/W
Globespan
GS 2237/GS3137
PM-DSL86
1 : 4.0
2.0
13
2.5
0.35 EP13/W
PM-DSL87
1 : 2.14
3.2
30
3.74
2.0
EP13/Y
PM-DSL88
1 : 4.0
2.0
32
EP17/Z
Globespan
HDSL
PM-DSL89
1 : 2.0
2.0
30
5.2
1.46 EP13/V
PM-DSL89G 1 : 2.0
2.0
30
5.2
1.46 EP13G/V
PM-DSL90
1 : 1.0
250
60
20.0
20.0 EP13/N
PM-DSL91
1:1:1:1
0.8
5.0
5.0
EP13/AA
PM-DSL92
1 : 5.4
3.00
15
4.0
0.35 EP13/V
Globespan
GS 2237/GS3137
PM-DSL92G 1 : 5.4
3.00
15
4.0
0.35 EP13G/V
Globespan
GS 2237/GS3137
PM-DSL93G 1 : 3.4
3.2
15
3.1
0.44 EP13G/V
METALINK
PM-DSL95G
1 : 1.8
2.75
15
5.0
2.3
EP13G/V
METALINK
PM-DSL96G
1 : 2.0
2.00
10
2.5
1.4
EP13G/AB
PM-DSL97G
1 : 2.0
410
15
1.4
0.70 EP13G/B
PM-DSL98G
1 : 3.4
3.25
16
3.0
0.44 EP13G/V
METALINK
PM-DSL99
1 : 5.4
3.00
15
1.50
0.35 EP13/V
PM-DSL99G
1 : 5.4
3.00
15
1.50
0.35 EP13G/V
PM-DSL105G 1 : 4.0
2.05
15
3.0
0.45 EP13G/V
Globespan
PART
NUMBER
Ratio
(SEC:PRI)
± 3%
PRI - SEC
L
L
(
µH Max.)
Primary
OCL
(mH TYP.)
DCR
(
Ω Max)
PRI
SEC
IC
P/N
Package
/
Schematic


Similar Part No. - PM-DSL88

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
PM-DB2701EX PMI-PM-DB2701EX Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
More results

Similar Description - PM-DSL88

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IU04 PMI-PM-IU04 Datasheet
114Kb / 4P
   ISDN-U THRU HOLE & SMD ISOLATION TRANSFORMERS
logo
EPCOS
B78386P1556A005 EPCOS-B78386P1556A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78386P1703A005 EPCOS-B78386P1703A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78386P1662A005 EPCOS-B78386P1662A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388P1334A005 EPCOS-B78388P1334A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388Q1333A005 EPCOS-B78388Q1333A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78308A1123A003 EPCOS-B78308A1123A003 Datasheet
74Kb / 3P
   ISDN/x/DSL Transformers
B78384P1111A005 EPCOS-B78384P1111A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78475P1560A002 EPCOS-B78475P1560A002 Datasheet
66Kb / 5P
   ISDN/x/DSL Transformers
B78384A1060A002 EPCOS-B78384A1060A002 Datasheet
73Kb / 3P
   ISDN/x/DSL Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com