Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-DSL88 Datasheet(PDF) 10 Page - Premier Magnetics, Inc.

Part # PM-DSL88
Description  DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DSL88 Datasheet(HTML) 10 Page - Premier Magnetics, Inc.

Back Button PM-DSL88 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 9Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 10Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 11Page - Premier Magnetics, Inc. PM-DSL88 Datasheet HTML 12Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
10
pm-dslxx 06/00
DSL LINE ISOLATION
TRANSFORMERS
THRU HOLE OR SMD
PM-DSLxx SCHEMATIC "S"
PM-DSLxx SCHEMATIC "T"
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
4 SECONDARY
(CHIP SIDE)
2
5
PRI #1B
PRI #1A
SEC #1B
SEC #1A
10
6
9
7
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#6 TO PIN#9
2) SECONDARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#4
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
3
SECONDARY
(CHIP SIDE)
2
5
PRI #1B
PRI #1A
SEC #1B
SEC #1A
10
8
9
7
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#8 TO PIN#9
2) SECONDARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#3
PM-DSLxx SCHEMATIC "U"
PM-DSLxx SCHEMATIC "V"
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
4
SECONDARY
(CHIP SIDE)
2
5
PRI #1B
PRI #1A
SEC #1B
SEC #1A
7
6
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#5
2) SECONDARY PIN #7 MAY NO CONNECTION
10
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
4
SECONDARY
(CHIP SIDE)
2
5
PRI #1B
PRI #1A
9
7
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#4 TO PIN#2
PM-DSLxx SCHEMATIC "W"
PM-DSLxx SCHEMATIC "X"
WHITE DOT
DENOTES PIN #1
4
PRIMARY
(LINE SIDE)
2
SECONDARY
(CHIP SIDE)
3
1
PRI #1B
PRI #1A
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#3
8
5
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
4
SECONDARY
(CHIP SIDE)
2
5
PRI #1B
PRI #1A
6
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#5
10


Similar Part No. - PM-DSL88

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
PM-DB2701EX PMI-PM-DB2701EX Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
More results

Similar Description - PM-DSL88

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IU04 PMI-PM-IU04 Datasheet
114Kb / 4P
   ISDN-U THRU HOLE & SMD ISOLATION TRANSFORMERS
logo
EPCOS
B78386P1556A005 EPCOS-B78386P1556A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78386P1703A005 EPCOS-B78386P1703A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78386P1662A005 EPCOS-B78386P1662A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388P1334A005 EPCOS-B78388P1334A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388Q1333A005 EPCOS-B78388Q1333A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78308A1123A003 EPCOS-B78308A1123A003 Datasheet
74Kb / 3P
   ISDN/x/DSL Transformers
B78384P1111A005 EPCOS-B78384P1111A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78475P1560A002 EPCOS-B78475P1560A002 Datasheet
66Kb / 5P
   ISDN/x/DSL Transformers
B78384A1060A002 EPCOS-B78384A1060A002 Datasheet
73Kb / 3P
   ISDN/x/DSL Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com