Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-120P-48 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # AS-120P-48
Description  120WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

AS-120P-48 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  AS-120P-48 Datasheet HTML 1Page - RSG Electronic Components GmbH AS-120P-48 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 pole AC inlet IEC320-C14
Built-in active PFC function, PF>0.95
Protections: Short circuit/ Over load/ Over voltage/Over temperature
High power density 5w/in
Fully enclosed plastic case
Approvals: UL/ CUL/ TUV/ CB/ CE
No load power consumption<0.75W@240VAC
ZCS/ZVS technology to reduce power dissipation
2 years warranty
3
SPECIFICATION
AS-120P-12
AS-120P-20
DCVOLTAGE
Note.2
ORDERNO.
RATEDCURRENT
CURRENTRANGE
OUTPUT
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT(Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT (max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
LIFE
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
12V
AS120P12R7B
15V
AS120P15R7B
20V
AS120P20P1M
24V
AS120P24P1M
48V
AS120P48P1M
8.4A
6.7A
6A
5A
2.5A
0~8.4A
0~6.7A
0~6A
0~5A
0~2.5A
RIPPLE&NOISE(max.) Note.3 100mVp-p
11~13.5V
100mVp-p
13.5~16.5V
200mVp-p
18~22V
200mVp-p
21.6~26.4V
240mVp-p
43.2~52.8V
VOLTAGE ADJ.RANGE
Fixedoutputbycustomerchoose
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
4.0%
4.0%
3.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
3.5%
3.0%
2.5%
1.0%
3000ms,80msatfullload
50ms/230VAC
atfullload
16ms/115VAC
90~264VAC127~370VDC
47~63Hz
85.5%
89.5%
22.5~28V
1.4A/115VAC0.7A/230VAC
120A/230VAC
<1mA /240VAC
UL60950-1, TUVEN60950-1 Approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:100MOhms
308.9Khrsmin.MIL-HDBK-217F(25
)
Averagelifeexpectancyof6years(12hours/day,70%load,115VAC)
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G3AXES10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
167*67*35mm(L*W*H)
0.52Kg;30pcs/16.6Kg/1.1CUFT
1.All parameters are specified at 230VAC input, rated load, 25
70% RH. Ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerence: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 0% to 100% rated load.
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
AS-120P-15
AS-120P-24
AS-120P-48
RATEDPOWER
100W
120W
120W
120W
100W
87.5%
17~21V
90%
27~33.6V
89%
53.3~67.2V
120W AC-DCSingleOutputDesktop
A S - 1 2 0 P series
Features :
105~135% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
14~16.8V
CompliancetoEN55022(CISPR22)classB,FCCpart15JclassB
CompliancetoEN61000-3-2,3
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
R
MODEL
I/P-O/P:4.25KVDC
CompliancetoEN61000-4-2,3,4,5,6,8,11,
criteria A
Lightindustrylevel,
CONNECTOR
PLUG
CABLE
StandardtypeR7B,P2M:2.5
*5.5
*11mm,centerpositiveforstock;Othertypeavailablebycustomerrequested
Standardtype120cmofSPT-1,16Awg*2cforstock
thertypeavailablebycustomerrequested
;O
POWERFACTOR (Typ.)
PF
0.95/230VACPF
0.98/115VAC atfullload
OVERTEMPERATURE
90
15
(RTH2)Detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - AS-120P-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P-48 MEANWELL-AS-120P-48 Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
More results

Similar Description - AS-120P-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120_12 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
GS60 MEANWELL-GS60 Datasheet
131Kb / 2P
   60WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com