Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7415D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7415D
Description  FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7415D Datasheet(HTML) 4 Page - Texas Instruments

  TPS7415D Datasheet HTML 1Page - Texas Instruments TPS7415D Datasheet HTML 2Page - Texas Instruments TPS7415D Datasheet HTML 3Page - Texas Instruments TPS7415D Datasheet HTML 4Page - Texas Instruments TPS7415D Datasheet HTML 5Page - Texas Instruments TPS7415D Datasheet HTML 6Page - Texas Instruments TPS7415D Datasheet HTML 7Page - Texas Instruments TPS7415D Datasheet HTML 8Page - Texas Instruments TPS7415D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TPS7415, TPS7418, TPS7425, TPS7430, TPS7433
FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR
200-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS212 – DECEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
Vi = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS7415
2 5V<VI <7V
TJ = 25°C
1.5
TPS7415
2.5 V < VI < 7 V
TJ = –40°C to 125°C
1.455
1.545
TPS7418
2 8V<VI <7V
TJ = 25°C
1.8
TPS7418
2.8 V < VI < 7 V
TJ = –40°C to 125°C
1.746
1.854
Output voltage (10
µA to 200 mA load)
TPS7425
3 5V<VI <7V
TJ = 25°C
2.5
V
g(
µ
)
(see Note 2)
TPS7425
3.5 V < VI < 7 V
TJ = –40°C to 125°C
2.425
2.575
V
TPS7430
4 0V<VI <7V
TJ = 25°C
3.0
TPS7430
4.0 V < VI < 7 V
TJ = –40°C to 125°C
2.910
3.090
TPS7433
4 3V<VI <7V
TJ = 25°C
3.3
TPS7433
4.3 V < VI < 7 V
TJ = –40°C to 125°C
3.201
3.399
IO = 1 mA
EN = 0 V
TJ = 25°C
80
µA
IO = 1 mA,
EN = 0 V
TJ = –40°C to 125°C
115
µA
Quiescent current (GND current) (See Note 2)
IO =100 mA EN=0V
TJ = 25°C
550
µA
Quiescent current (GND current) (See Note 2)
IO = 100 mA, EN = 0 V
TJ = –40°C to 125°C
850
µA
IO =200 mA EN=0V
TJ = 25°C
1300
µA
IO = 200 mA, EN = 0 V
TJ = –40°C to 125°C
1500
µA
Output voltage line regulation (
∆VO/VO)
(see Notes 2 and 3)
VO + 1 V < VI ≤ 7 V,
TJ = 25°C
0.06
%/V
Load regulation
5
mV
Output noise voltage
BW = 300 Hz to 50 kHz,
TJ = 25°C
CO = 1 µF,
190
µVrms
Output current Limit
VO = 0 V
500
750
mA
Thermal shutdown junction temperature
150
°C
Standby current
2.5 V < VI < 7 V,
TJ = 25°C
EN = VI,
1
µA
Standby current
2.5 V < VI < 7 V,
TJ = –40°C to 125°C
EN = VI,
3
µA
High level enable input voltage
2
V
Low level enable input voltage
0.7
V
Input current (EN)
EN = 0 V
–1
1
µA
Input current (EN)
EN = VI
–1
1
µA
Power supply ripple rejection (see Note 2)
f = 100 Hz,
TJ = 25°C
CO = 1 µF,
55
dB
TPS7430
IO = 200 mA,
TJ = 25°C
180
Dropout voltage (see Note 4)
TPS7430
IO = 200 mA,
TJ = –40°C to 125°C
350
mV
Dropout voltage (see Note 4)
TPS7433
IO = 200 mA,
TJ = 25°C
170
mV
TPS7433
IO = 200 mA,
TJ = –40°C to 125°C
315
NOTES:
2. Minimum IN operating voltage is 2.5 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 7 V.
3. If VO = 1.5 V then Vimax = 7 V, Vimin = 2.5 V:
4. IN voltage equals VO(Typ) – 100 mV; TPS7430 and TPS7433 dropout limited by input voltage range limitations (i.e., TPS7430 input
voltage needs to drop to 2.9 V for purpose of this test).
Line Reg. (mV)
+ % V
V
O
V
imax *
2.5 V
100
1000
If VO ≥ 2.5 V then Vimax = 7 V, Vimin = VO + 1 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000


Similar Part No. - TPS7415D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7415D TI1-TPS7415D Datasheet
1Mb / 19P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS7415DR TI1-TPS7415DR Datasheet
1Mb / 19P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS7415DRG4 TI1-TPS7415DRG4 Datasheet
1Mb / 19P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7415D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7415 TI1-TPS7415_16 Datasheet
1Mb / 19P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com