Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX4SM3 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX4SM3
Description  Fundamental Mode: 600 kHz to 1.4 MHz Overtone: 1.8432 MHz - 2.5 MHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX4SM3 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX4SM3 Datasheet HTML 1Page - RSG Electronic Components GmbH CX4SM3 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.059 (1.5)
0.160 (4.0)
0.092 (2.3)
inches (mm)
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
A
B
F
D
D
TOP
BOTTOM
C
E
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.197
5.00
0.210
5.33
B
0.072
1.83
0.085
2.16
C
-
-
see below
D
0.038
0.97
0.048
1.22
E
0.020
0.51
-
-
F
0.025
0.64
-
-
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.045
1.14
0.050
1.27
SM2
0.046
1.17
0.051
1.30
SM3
0.048
1.22
0.053
1.35
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
actual size
side view
SXX
XX
Ceramic Lid Shown
10161 Rev A
DESCRIPTION
STATEK’s CX4 quartz crystals are hermetically sealed in an
ultra-miniature low profile surface mount ceramic package.
This high quality quartz resonator forms the basis of a stable
oscillator.
FEATURES
Designed for low power applications in this frequency
range
Smallest available package in this frequency range
Hermetically sealed ceramic package
Excellent aging characteristics
Full military testing to MIL-PRF-3098 available
Designed and manufactured in the USA
APPLICATIONS
Medical
Pacemaker, defibrillator and hearing aid
Industrial, Computer & Communications
PCMCIA (FAX, Modem and LAN)
Smart Card
Military & Aerospace
Airborne hybrid computer
Low power system clock
Hybrid multi-chip modules
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
CX4 CRYSTAL
Fundamental Mode: 600 kHz to 1.4 MHz
Overtone: 1.8432 MHz - 2.5 MHz
Ultra-Miniature Low Profile
Surface Mount Quartz Crystal


Similar Part No. - CX4SM3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX4SM3 RSG-CX4SM3 Datasheet
96Kb / 2P
   14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
More results

Similar Description - CX4SM3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
   530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
   760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
   9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
   14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
   14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
   9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
   9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX-1-03 RSG-CX-1-03 Datasheet
57Kb / 2P
   530 kHz to 2.1 MHz Miniature Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com