Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0055T-WC6R35 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL0055T-WC6R35
Description  SMD LED PLCC-6 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL0055T-WC6R35 Datasheet(HTML) 1 Page - P-tec Corporation

  PL0055T-WC6R35 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.5
1.3
5.0
5.0
4.0
5.4
3.0
3.4
1
3
5
2
4
6
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Features
*Flat Lens Thin Package 5.0 x 5.0 x 1.5mm
*6 AlGaInP Ultra Bright Hyper Red Chips used
*Very High Luminous Output
*Wide Viewing Angle
*1000 pc reels, 12mm Tape
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA)…………….………………………………..………… 5.0V
Max Forward Current………………………………………………..….……… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…...……………..….… 100mA
Operating Temperature Range………….……………………….…… -25°C to +85°C
Storage Temperature Range………………………………….…...… -40°C to +100°C
Reflow Soldering Temperature……………………………...…. 260°C for 10 seconds
Power Dissipation……………………………………………..….……….....… 78mW
Electric Static Discharge Threshold (HBM)………………………….….….… 6000V
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL0055T Series SMD LED PLCC-6 Package
04-13-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@40mA (V)
Luminous
Intensity
@40mA (mcd)
Water Clear Lens
nm
nm
Deg
Typ
Max
Min
Typ
PL0055T-WC6R35
Orange-Red
AlGaInP
632
625
120°
2.1
2.6
1100
2200
Recommended Soldering Pad Layout


Similar Part No. - PL0055T-WC6R35

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL0055T-WC6R34Z P-TEC-PL0055T-WC6R34Z Datasheet
35Kb / 1P
   SMD LED PLCC-6 Package
More results

Similar Description - PL0055T-WC6R35

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL0055T-WC6B11Z P-TEC-PL0055T-WC6B11Z Datasheet
35Kb / 1P
   SMD LED PLCC-6 Package
PL0055-WC6R35 P-TEC-PL0055-WC6R35 Datasheet
32Kb / 1P
   SMD LED PLCC-6 Package
PL0055T-WC6R34Z P-TEC-PL0055T-WC6R34Z Datasheet
35Kb / 1P
   SMD LED PLCC-6 Package
PL0055-WC4B22Z P-TEC-PL0055-WC4B22Z Datasheet
33Kb / 1P
   SMD LED PLCC-6 Package
PL0055-WC4G46Z P-TEC-PL0055-WC4G46Z Datasheet
33Kb / 1P
   SMD LED PLCC-6 Package
PL0055-WC6W24Z P-TEC-PL0055-WC6W24Z Datasheet
32Kb / 1P
   SMD LED PLCC-6 Package
PL0055T-WC6W24Z P-TEC-PL0055T-WC6W24Z Datasheet
35Kb / 1P
   SMD LED PLCC-6 Package
PL0055T-WC6Y27Z P-TEC-PL0055T-WC6Y27Z Datasheet
35Kb / 1P
   SMD LED PLCC-6 Package
PL0055T-WC10W24 P-TEC-PL0055T-WC10W24 Datasheet
35Kb / 1P
   SMD LED PLCC-6 Package
PL0055-WC4W24Z P-TEC-PL0055-WC4W24Z Datasheet
34Kb / 1P
   SMD LED PLCC-6 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com