Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0066-WCG46 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL0066-WCG46
Description  SMD High Power LED Ceramic Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL0066-WCG46 Datasheet(HTML) 1 Page - P-tec Corporation

  PL0066-WCG46 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@320mA (V)
Water Clear Lens
nm
nm
Deg
Typ
Max
Min
Max
PL0066-WCG46
Pure Green
InGaN
520
120°
3.2
4.0
18.0
51.6
Luminous
Flux
@320mA (lm)
Dominant
Wave
Length
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Features
*Ceramic 6.0 x 6.0 x 0.7mm Package
*High Luminous Output
*Ultra Bright Pure Green
*Very Wide Viewing Angle
*1000 pc reels, 12mm Tape
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA)…………….…………………………………..………… 5.0V
Max Forward Current (per chip)………………………………………..………… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…...………………..….… 100mA
Operating Temperature Range………….………………………….…… -25°C to +85°C
Storage Temperature Range…………………………………….…...… -40°C to +100°C
Reflow Soldering Temperature……………………………......…. 260°C for 10 seconds
Power Dissipation………………………………………………..…………...… 120mW
Electric Static Discharge Threshold (HBM)…………………………….….…...… 300V
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL0066 Series SMD High Power LED Ceramic Package
01.09.07 Rev 0
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
1.1
1.36
1.36
6.0
6.0
6.0
6.0
Anode
Cathode
2.0
2.0
1.6
0.22
0.66


Similar Part No. - PL0066-WCG46

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCY02 P-TEC-PL0066-WCY02 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
More results

Similar Description - PL0066-WCG46

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCY02 P-TEC-PL0066-WCY02 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMK330 VISHAY-TLMK330 Datasheet
187Kb / 11P
   Power SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL00200-WCG13 P-TEC-PL00200-WCG13 Datasheet
30Kb / 1P
   SMD LED 1206 Package
PL00200-WCG17 P-TEC-PL00200-WCG17 Datasheet
31Kb / 1P
   SMD LED 1206 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com