Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77133 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS77133
Description  150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77133 Datasheet(HTML) 1 Page - Texas Instruments

  TPS77133 Datasheet HTML 1Page - Texas Instruments TPS77133 Datasheet HTML 2Page - Texas Instruments TPS77133 Datasheet HTML 3Page - Texas Instruments TPS77133 Datasheet HTML 4Page - Texas Instruments TPS77133 Datasheet HTML 5Page - Texas Instruments TPS77133 Datasheet HTML 6Page - Texas Instruments TPS77133 Datasheet HTML 7Page - Texas Instruments TPS77133 Datasheet HTML 8Page - Texas Instruments TPS77133 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS77101, TPS77118, TPS77127, TPS77128, TPS77133 WITH RESET OUTPUT
TPS77201, TPS77218, TPS77227, TPS77228, TPS77233 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
SLVS225A – FEBRUARY 2000 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Open Drain Power-On Reset With 220-ms
Delay (TPS771xx)
D Open Drain Power-Good (PG) Status
Output (TPS772xx)
D 150-mA Low-Dropout Voltage Regulator
D Available in 1.8-V, 2.7-V, 2.8-V, 3.3-V, Fixed
Output and Adjustable Versions
D Dropout Voltage Typically 115 mV
at 150 mA (TPS77133, TPS77233)
D Ultra Low 92-µA Quiescent Current (Typ)
D 8-Pin MSOP (DGK) Package
D Low Noise (55 µVrms) Without External
Filter (Bypass) Capacitor (TPS77118,
TPS77218)
D 2% Tolerance Over Specified Conditions
for Fixed-Output Versions
D Fast Transient Response
D Thermal Shutdown Protection
description
The TPS771xx and TPS772xx are low dropout
regulators with integrated power-on reset and
power good (PG) function respectively. These
devices are capable of supplying 150 mA of output
current with a dropout of 115 mV (TPS77133,
TPS77233). Quiescent current is 92
µA at full load
dropping down to 1
µA when device is disabled.
These devices are optimized to be stable with a
wide range of output capacitors including low ESR
ceramic (10
µF) or low capacitance (1 µF)
tantalum capacitors. These devices have ex-
tremely low noise output performance (55
µVrms)
without
using
any
added
filter
capacitors.
TPS771xx and TPS772xx are designed to have
fast transient response for larger load current
changes.
The TPS771xx or TPS772xx is offered in 1.8-V, 2.7-V, 2.8-V and 3.3-V fixed-voltage versions and in an
adjustable version (programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is 2% over line,
load, and temperature ranges. The TPS771xx and TPS772xx families are available in 8-pin MSOP (DGK)
packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
This document contains information on products in more than one phase
of development. The status of each device is indicated on the page(s)
specifying its electrical characteristics.
Copyright
© 2000, Texas Instruments Incorporated
FB/SENSE
PG
EN
GND
OUT
OUT
IN
IN
TPS772xx
DGK PACKAGE
(TOP VIEW)
TPS77x33
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
150
100
50
0
–40
0
40
80
200
250
300
120
140
TJ – Junction Temperature – °C
IO = 150 mA
IO = 10 mA
IO = 0 A
FB/SENSE
RESET
EN
GND
OUT
OUT
IN
IN
TPS771xx
DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5


Similar Part No. - TPS77133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77133 TI-TPS77133 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133 TI-TPS77133 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133 TI1-TPS77133 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGK TI-TPS77133DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGK TI-TPS77133DGK Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com