Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75418QPWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75418QPWP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75418QPWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75418QPWP Datasheet HTML 5Page - Texas Instruments TPS75418QPWP Datasheet HTML 6Page - Texas Instruments TPS75418QPWP Datasheet HTML 7Page - Texas Instruments TPS75418QPWP Datasheet HTML 8Page - Texas Instruments TPS75418QPWP Datasheet HTML 9Page - Texas Instruments TPS75418QPWP Datasheet HTML 10Page - Texas Instruments TPS75418QPWP Datasheet HTML 11Page - Texas Instruments TPS75418QPWP Datasheet HTML 12Page - Texas Instruments TPS75418QPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS75201Q, TPS75215Q, TPS75218Q, TPS75225Q, TPS75233Q WITH RESET
TPS75401Q, TPS75415Q, TPS75418Q, TPS75425Q, TPS75433Q WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SLVS242B – MARCH 2000 – REVISED JUNE 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = –40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 47 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PG
Minimum input voltage for valid PG
IO(PG) = 300 µA
V(PG)
≤ 0.8 V
1.1
1.3
V
PG
Trip threshold voltage
VO decreasing
80
86
%VO
PG
(TPS754xxQ)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS754xxQ)
Output low voltage
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5.5 V
1
µA
Input current (EN)
EN = VI
–1
1
µA
Input current (EN)
EN = 0 V
–1
0
1
µA
High level EN input voltage
2
V
Low level EN input voltage
0.7
V
Dropout voltage (3.3 V Output) (see Note 4)
IO = 2 A,
TJ = 25°C
VI = 3.2 V,
210
mV
Dropout voltage (3.3 V Output) (see Note 4)
IO = 2 A,
VI = 3.2 V
400
mV
NOTE 4: IN voltage equals VO(Typ) – 100 mV; TPS75x15Q, TPS75x18Q and TPS75x25Q dropout voltage limited by input voltage range
limitations (i.e., TPS75x33Q input voltage needs to drop to 3.2 V for purpose of this test).
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5,
Ground current
vs Junction temperature
6
Power supply ripple rejection
vs Frequency
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
VDO
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
Input voltage (min)
vs Output voltage
12
Line transient response
13, 15
Load transient response
14, 16
VO
Output voltage
vs Time
17
Equivalent series resistance (ESR)
vs Output current
19, 20


Similar Part No. - TPS75418QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75418QPWP TI-TPS75418QPWP Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWP TI1-TPS75418QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWP TI1-TPS75418QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWP TI1-TPS75418QPWP Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWPG4 TI-TPS75418QPWPG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75418QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com