Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9104PT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS9104PT
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9104PT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS9104PT Datasheet HTML 7Page - Texas Instruments TPS9104PT Datasheet HTML 8Page - Texas Instruments TPS9104PT Datasheet HTML 9Page - Texas Instruments TPS9104PT Datasheet HTML 10Page - Texas Instruments TPS9104PT Datasheet HTML 11Page - Texas Instruments TPS9104PT Datasheet HTML 12Page - Texas Instruments TPS9104PT Datasheet HTML 13Page - Texas Instruments TPS9104PT Datasheet HTML 14Page - Texas Instruments TPS9104PT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TPS9104
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY/AUDIO SYSTEM
SLVS133A – AUGUST 1996 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = VCP = 4 V, Px = 0 V, IO(Vx) = 35 mA, OFF = VL, ON open, ON_REM = 0 V, Cx = 10 µF
(unless otherwise noted) (continued)
logic inputs at PL, PA, PB, OFF, ON_REM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2
V
Low-level input voltage
0.8
V
Input current
–1
1
µA
logic inputs at ON†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2
V
Low-level input voltage
0.8
V
Input current
–20
1
µA
logic inputs at EN†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
Source current
VO = 2.4 V
OFF = 0
–50
–30
1
µA
Sink current
VO = 0.4 V
3.2
mA
logic outputs at ON
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage
1-mA source current
2.4
V
Low-level output voltage
1-mA sink current
0.4
V
overtemperature shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature threshold
160
°C
Temperature hysteresis
10
°C
undervoltage lockout (UVLO)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold
VCC increasing
1.80
2.52
V
Hysteresis
50
mV
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shutdown
OFF = 0 V
0.5
10
µA
Operating
EN_CP = VCP,
RNGR_EN = VL,
SPKR_EN = VL,
MIC_EN = VL
0.7
1
mA
† High and low level voltages are dependent on VCC. See graphs.


Similar Part No. - TPS9104PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9104 TI1-TPS9104 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104IPTR TI1-TPS9104IPTR Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
More results

Similar Description - TPS9104PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9110 TI1-TPS9110 Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
   RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
Sanyo Semicon Device
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
LA5618 SANYO-LA5618 Datasheet
44Kb / 4P
   Multi-System Power Supply for Audio Equipment
logo
International Rectifier
IRAUDPS1 IRF-IRAUDPS1_15 Datasheet
1Mb / 35P
   12V System Scalable 250W to1000W Audio Power Supply
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798 Datasheet
642Kb / 20P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 1; 2/01
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com