Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76533D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76533D
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76533D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76533D Datasheet HTML 3Page - Texas Instruments TPS76533D Datasheet HTML 4Page - Texas Instruments TPS76533D Datasheet HTML 5Page - Texas Instruments TPS76533D Datasheet HTML 6Page - Texas Instruments TPS76533D Datasheet HTML 7Page - Texas Instruments TPS76533D Datasheet HTML 8Page - Texas Instruments TPS76533D Datasheet HTML 9Page - Texas Instruments TPS76533D Datasheet HTML 10Page - Texas Instruments TPS76533D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
IL – Load Current – mA
TPS76533
OUTPUT VOLTAGE
vs
LOAD CURRENT
3.292
3.294
3.296
3.298
3.300
3.302
3.304
0
25
50
75
100
125
150
VI = 4.3 V
TA = 25°C
Figure 3
IL – Load Current – mA
TPS76515
OUTPUT VOLTAGE
vs
LOAD CURRENT
1.487
1.488
1.489
1.490
1.491
1.492
1.493
1.494
0
25
50
75
100
125
150
VI = 2.7 V
TA = 25°C
Figure 4
TA – Free-Air Temperature – °C
TPS76533
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.310
3.305
3.300
3.295
3.290
3.285
3.280
3.275
3.270
3.265
–25
–50
0
25
50
75
100
125
150
VI = 4.3 V
IO = 10 µA
IO = 150 mA
Figure 5
TA – Free-Air Temperature – °C
TPS76515
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.505
–50
1.500
1.495
1.490
1.485
1.480
1.475
–25
0
25
50
75
100
125
150
VI = 2.7 V
IO = 10 µA
IO = 150 mA


Similar Part No. - TPS76533D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76533D TI1-TPS76533D Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76533DG4 TI1-TPS76533DG4 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76533DR TI1-TPS76533DR Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76533DRG4 TI1-TPS76533DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76533D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI1-TPS76515_16 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com