Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76350DBV Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76350DBV
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76350DBV Datasheet(HTML) 1 Page - Texas Instruments

  TPS76350DBV Datasheet HTML 1Page - Texas Instruments TPS76350DBV Datasheet HTML 2Page - Texas Instruments TPS76350DBV Datasheet HTML 3Page - Texas Instruments TPS76350DBV Datasheet HTML 4Page - Texas Instruments TPS76350DBV Datasheet HTML 5Page - Texas Instruments TPS76350DBV Datasheet HTML 6Page - Texas Instruments TPS76350DBV Datasheet HTML 7Page - Texas Instruments TPS76350DBV Datasheet HTML 8Page - Texas Instruments TPS76350DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
D 150-mA Low-Dropout Regulator
D Output Voltage: 5 V, 3.8 V, 3.3 V, 3.0 V, 2.8 V,
2.7 V, 2.5 V, 1.8 V, 1.6 V and Variable
D Dropout Voltage, Typically 300 mV
at 150 mA
D Thermal Protection
D Over Current Limitation
D Less Than 2-µA Quiescent Current in
Shutdown Mode
D −40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
description
The TPS763xx family of low-dropout (LDO) voltage regulators offers the benefits of low-dropout voltage, low-power
operation, and miniaturized packaging. These regulators feature low dropout voltages and quiescent currents compared
to conventional LDO regulators. Offered in a 5-terminal, small outline integrated-circuit SOT-23 package, the TPS763xx
series devices are ideal for cost-sensitive designs and for applications where board space is at a premium.
A combination of new circuit design and process innovation has enabled the usual pnp pass transistor to be replaced by
a PMOS pass element. Because the PMOS pass element behaves as a low-value resistor, the dropout voltage is very
low—typically 300 mV at 150 mA of load current (TPS76333)—and is directly proportional to the load current. Since the
PMOS pass element is a voltage-driven device, the quiescent current is very low (140
µA maximum) and is stable over
the entire range of output load current (0 mA to 150 mA). Intended for use in portable systems such as laptops and cellular
phones, the low-dropout voltage feature and low-power operation result in a significant increase in system battery operating
life.
The TPS763xx also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current to 1
µA
maximum at TJ = 25°C.The TPS763xx is offered in 1.6-V,1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V, 3.8-V, and 5-V fixed-voltage
versions and in a variable version (programmable over the range of 1.5 V to 6.5 V.
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
Variable
TPS76301DBVT(1)
TPS76301DBVR(2)
PAZI
1.6 V
TPS76316DBVT
TPS76316DBVR
PBHI
1.8 V
TPS76318DBVT
TPS76318DBVR
PBAI
2.5 V
TPS76325DBVT
TPS76325DBVR
PBBI
−40
°C to 125°C
2.7 V
SOT-23
TPS76327DBVT
TPS76327DBVR
PBCI
−40
°C to 125°C
2.8 V
SOT-23
(DBV)
TPS76328DBVT
TPS76328DBVR
PBDI
3.0 V
(DBV)
TPS76330DBVT
TPS76330DBVR
PBII
3.3 V
TPS76333DBVT
TPS76333DBVR
PBEI
3.8 V
TPS76338DBVT
TPS76338DBVR
PBFI
5.0 V
TPS76350DBVT
TPS76350DBVR
PBGI
(1) The DBVT passive indicates tape and reel of 250 parts.
(2) The DBVR passive indicates tape and reel of 3000 parts.
Copyright
 2001 − 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NC/FB


Similar Part No. - TPS76350DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76350DBV TI1-TPS76350DBV Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
TPS76350DBVR TI1-TPS76350DBVR Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
TECH PUBLIC Electronics...
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results

Similar Description - TPS76350DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com