Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77133DGK Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77133DGK
Description  150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77133DGK Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77133DGK Datasheet HTML 2Page - Texas Instruments TPS77133DGK Datasheet HTML 3Page - Texas Instruments TPS77133DGK Datasheet HTML 4Page - Texas Instruments TPS77133DGK Datasheet HTML 5Page - Texas Instruments TPS77133DGK Datasheet HTML 6Page - Texas Instruments TPS77133DGK Datasheet HTML 7Page - Texas Instruments TPS77133DGK Datasheet HTML 8Page - Texas Instruments TPS77133DGK Datasheet HTML 9Page - Texas Instruments TPS77133DGK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS77101, TPS77118, TPS77127, TPS77128, TPS77133 WITH RESET OUTPUT
TPS77201, TPS77218, TPS77227, TPS77228, TPS77233 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
SLVS225A – FEBRUARY 2000 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS772xx PG timing diagram
† Vres is the minimum input voltage for a valid PG. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology.
VI
Vres†
Vres
t
t
t
VO
Threshold
Voltage
PG
Output
Output
Undefined
Output
Undefined
VIT +‡
VIT –‡
VIT –‡
VIT +‡
‡ VIT –Trip voltage is typically 18% lower than the output voltage (82%VO) VIT–
to VIT+ is the hysteresis voltage.


Similar Part No. - TPS77133DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77133DGK TI-TPS77133DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGK TI-TPS77133DGK Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGK TI1-TPS77133DGK Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
TPS77133DGK TI1-TPS77133DGK Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGKG4 TI-TPS77133DGKG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77133DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com