Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76718QD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76718QD
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76718QD Datasheet(HTML) 2 Page - Texas Instruments

  TPS76718QD Datasheet HTML 1Page - Texas Instruments TPS76718QD Datasheet HTML 2Page - Texas Instruments TPS76718QD Datasheet HTML 3Page - Texas Instruments TPS76718QD Datasheet HTML 4Page - Texas Instruments TPS76718QD Datasheet HTML 5Page - Texas Instruments TPS76718QD Datasheet HTML 6Page - Texas Instruments TPS76718QD Datasheet HTML 7Page - Texas Instruments TPS76718QD Datasheet HTML 8Page - Texas Instruments TPS76718QD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q
TPS76728Q, TPS76730Q TPS76733Q, TPS76750Q, TPS76701Q
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
SLVS208C – MAY 1999 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 230 mV
at an output current of 1 A for the TPS76750) and is directly proportional to the output current. Additionally, since
the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output
loading (typically 85
µA over the full range of output current, 0 mA to 1 A). These two key specifications yield
a significant improvement in operating life for battery-powered systems. This LDO family also features a sleep
mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to
1
µA at TJ = 25°C.
The RESET output of the TPS767xx initiates a reset in microcomputer and microprocessor systems in the event
of an undervoltage condition. An internal comparator in the TPS767xx monitors the output voltage of the
regulator to detect an undervoltage condition on the regulated output voltage.
The TPS767xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V and 5.0-V fixed-voltage versions and
in an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 2% over line, load, and temperature ranges. The TPS767xx family is available in 8 pin SOIC
and 20 pin PWP packages.
AVAILABLE OPTIONS
TJ
OUTPUT
VOLTAGE
(V)
PACKAGED DEVICES
J
TYP
TSSOP
(PWP)
SOIC
(D)
5.0
TPS76750Q
TPS76750Q
3.3
TPS76733Q
TPS76733Q
3.0
TPS76730Q
TPS76730Q
2.8
TPS76728Q
TPS76728Q
– 40
°Cto125°C
2.7
TPS76727Q
TPS76727Q
–40 C to 125 C
2.5
TPS76725Q
TPS76725Q
1.8
TPS76718Q
TPS76718Q
1.5
TPS76715Q
TPS76715Q
Adjustable
1.5 V to 5.5 V
TPS76701Q
TPS76701Q
The TPS76701 is programmable using an external resistor divider (see application
information). The D and PWP packages are available taped and reeled. Add an R
suffix to the device type (e.g., TPS76701QDR).
† See application information section for capacitor selection details.
RESET
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
14
13
VI
0.1
µF
RESET
VO
10
µF
+
TPS767xx
CO†
Figure 1. Typical Application Configuration (For Fixed Output Options)


Similar Part No. - TPS76718QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76718QD TI-TPS76718QD Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76718QD TI1-TPS76718QD Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76718QDG4 TI-TPS76718QDG4 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76718QDG4 TI1-TPS76718QDG4 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76718QDR TI-TPS76718QDR Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76718QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com