Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77101DGK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77101DGK
Description  150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77101DGK Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS77101DGK Datasheet HTML 5Page - Texas Instruments TPS77101DGK Datasheet HTML 6Page - Texas Instruments TPS77101DGK Datasheet HTML 7Page - Texas Instruments TPS77101DGK Datasheet HTML 8Page - Texas Instruments TPS77101DGK Datasheet HTML 9Page - Texas Instruments TPS77101DGK Datasheet HTML 10Page - Texas Instruments TPS77101DGK Datasheet HTML 11Page - Texas Instruments TPS77101DGK Datasheet HTML 12Page - Texas Instruments TPS77101DGK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPS77101, TPS77118, TPS77127, TPS77128, TPS77133 WITH RESET OUTPUT
TPS77201, TPS77218, TPS77227, TPS77228, TPS77233 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
SLVS225A – FEBRUARY 2000 – REVISED MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (–40
°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid RESET
I(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS771xx)
Output low voltage
VI = 2.7 V,
I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
220
ms
2.8 V
IO = 150 mA,
TJ = 25°C
150
VDO
Dropout voltage (see Note 5)
Output
IO = 150 mA,
265
mV
VDO
Dropout voltage (see Note 5)
3.3 V
IO = 150 mA,
TJ = 25°C
115
mV
Output
IO = 150 mA
200
NOTE 5: IN voltage equals VO(Typ) – 100 mV; 1.8 V, and 2.7 V dropout voltage limited by input voltage range limitations (i.e., 3.3 V input voltage
needs to drop to 3.2 V for purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5
Ground current
vs Junction temperature
6
Power supply rejection ratio
vs Frequency
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
VDO
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
Line transient response
12, 14
Load transient response
13, 15
Output voltage
vs Time
16
Equivalent series resistance (ESR)
vs Output current
18 – 21


Similar Part No. - TPS77101DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77101DGK TI-TPS77101DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101DGK TI-TPS77101DGK Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101DGK TI1-TPS77101DGK Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101DGKG4 TI-TPS77101DGKG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101DGKG4 TI-TPS77101DGKG4 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77101DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com