Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8802FNG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP8802FNG-7
Description  1A LED Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802FNG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP8802FNG-7 Datasheet HTML 1Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 2Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 3Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 4Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 5Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 6Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 7Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 8Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP8802
1A LED Step-Down Converter
AP8802 Rev. 1
4 of 13
MARCH 2009
www.diodes.com
© Diodes Incorporated
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VIN
Operating Input Voltage
8.0
-
48
V
IOUT
Continuous switch current
(Note 3)
1
A
IQ
Quiescent Current
-
75
120
μA
FOSC
Switching Frequency
-
-
0.5
MHz
VTHD
Internal Threshold Voltage
184
200
216
mV
VREF
Internal Reference Voltage
-
1.25
-
V
SET
SET pin input current
VSET=VIN-0.2
-
5
-
μA
Rds(on)
On Resistance of MOSFET
ISW=0.8A
0.65
1.1
ISW Leakage Switch leakage current
-
-
8
μA
EN
Voltage High
ON
1.25
-
-
V
EN
Voltage Low
OFF
-
-
0.2
V
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 4)
-
82
-
°C/W
SOP-8L-EP (Preview)(Note 4)
-
TBD
-
°C/W
DFN3030-10 (Note 4)
-
38
-
°C/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 4)
-
52
-
°C/W
SOP-8L-EP (Preview)(Note 4)
-
TBD
-
°C/W
DFN3030-10 (Note 4)
-
24
-
°C/W
Notes:
3. Refer to figure 7 for the device derating curve.
4. Test condition for SOP-8L, SOP-8L-EP (Preview) and DFN3030-10: Device mounted on FR-4 PCB, 2”x2”, 2oz copper, minimum
recommended pad layout on top layer and thermal vias to bottom layer ground plane. For better thermal performance, larger copper pad for
heat-sink is needed.
Typical Application Circuit
Figure 2:
Typical Application Circuit
Electrical Characteristics
(VIN =12V, TA=25
oC, unless otherwise specified)


Similar Part No. - AP8802FNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802FNG-7 DIODES-AP8802FNG-7 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
More results

Similar Description - AP8802FNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802_0912 DIODES-AP8802_0912 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
   1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com