Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072SG-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # TL072SG-13
Description  LOW NOISE JFET INPUT OPERATIONAL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL072SG-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button TL072SG-13 Datasheet HTML 3Page - Diodes Incorporated TL072SG-13 Datasheet HTML 4Page - Diodes Incorporated TL072SG-13 Datasheet HTML 5Page - Diodes Incorporated TL072SG-13 Datasheet HTML 6Page - Diodes Incorporated TL072SG-13 Datasheet HTML 7Page - Diodes Incorporated TL072SG-13 Datasheet HTML 8Page - Diodes Incorporated TL072SG-13 Datasheet HTML 9Page - Diodes Incorporated TL072SG-13 Datasheet HTML 10Page - Diodes Incorporated TL072SG-13 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TL072
LOW NOISE JFET INPUT OPERATIONAL
AMPLIFIERS
TL072 Rev. 1
8 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Equivalent Input Noise Voltage vs Frequency
0
10
20
30
40
50
10
100
1000
10000
100000
Frequency (Hz)
VCC±=±15V
AVD=10
RS=20Ω
TA=25℃
10
40
100
400
1k
4k
10k
40k 100k
Voltage-Follower
Large-Singnal Pulse Response
-6
-4
-2
0
2
4
6
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
t-Time-
μs
VCC±=±5V
RL=2kΩ
CL=100pF
TA=25℃
Output
Input
Total Harmonic Distortion vs Frequency
0.001
0.01
0.1
1
0.1
1
10
100
Frequency(Hz)
100
400
1k
4k
10k
40k
100k
0.001
0.00
0.01
0.04
0.1
0.4
1
VCC±=±15V
AVD=1
VI(RMS)=6V
TA=25℃
Output Voltage vs Elapsed Time
-4
0
4
8
12
16
20
24
28
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
t-Elapsed Time-
μs
VCC±=±5V
RL=2kΩ
TA=25℃
90
Overshoot
10%
tr


Similar Part No. - TL072SG-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL072 TI-TL072 Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072 TI1-TL072 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL072 TI1-TL072 Datasheet
5Mb / 86P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
APRIL 2023
TL072 TI-TL072 Datasheet
487Kb / 15P
[Old version datasheet]   LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
TL072 TI1-TL072 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
More results

Similar Description - TL072SG-13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_96 Datasheet
220Kb / 14P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com