Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1013 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1013
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1013 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1013 Datasheet HTML 6Page - Texas Instruments ADS1013 Datasheet HTML 7Page - Texas Instruments ADS1013 Datasheet HTML 8Page - Texas Instruments ADS1013 Datasheet HTML 9Page - Texas Instruments ADS1013 Datasheet HTML 10Page - Texas Instruments ADS1013 Datasheet HTML 11Page - Texas Instruments ADS1013 Datasheet HTML 12Page - Texas Instruments ADS1013 Datasheet HTML 13Page - Texas Instruments ADS1013 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
16-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
ALERT/RDY
SCL
SDA
ADDR
Gain=2/3, 1,
2,4,8,or16
PGA
Comparator
ADS1115
AIN1
AIN2
GND
AIN0
AIN3
VDD
MUX
ADS1113
ADS1114
ADS1115
SBAS444A – MAY 2009 – REVISED AUGUST 2009 ......................................................................................................................................................... www.ti.com
OVERVIEW
of a differential, switched-capacitor
ΔΣ modulator
The ADS1113/4/5 are very small, low-power, 16-bit,
followed by a digital filter. Input signals are compared
delta-sigma (
ΔΣ) analog-to-digital converters (ADCs).
to the internal voltage reference. The digital filter
The ADS1113/4/5 are extremely easy to configure
receives a high-speed bitstream from the modulator
and design into a wide variety of applications, and
and outputs a code proportional to the input voltage.
allow precise measurements to be obtained with very
little effort. Both experienced and novice users of
The ADS1113/4/5 have two available conversion
data converters find designing with the ADS1113/4/5
modes: single-shot mode and continuous conversion
family to be intuitive and problem-free.
mode. In single-shot mode, the ADC performs one
conversion of the input signal upon request and
The ADS1113/4/5 consist of a
ΔΣ analog-to-digital
stores the value to an internal result register. The
(A/D)
core
with
adjustable
gain
(excludes
the
device then enters a low-power shutdown mode. This
ADS1113), an internal voltage reference, a clock
mode is intended to provide significant power savings
oscillator, and an I2C interface. An additional feature
in systems that only require periodic conversions or
available on the ADS1114/5 is a programmable digital
when
there
are
long
idle
periods
between
comparator that provides an alert on a dedicated pin.
conversions. In continuous conversion mode, the
All of these features are intended to reduce required
ADC automatically begins a conversion of the input
external circuitry and improve performance. Figure 22
signal as soon as the previous conversion is
shows the ADS1115 functional block diagram.
completed. The rate of continuous conversion is
equal to the programmed data rate. Data can be read
The ADS1113/4/5 A/D core measures a differential
at any time and always reflect the most recent
signal, VIN, that is the difference of AINP and AINN. A
completed conversion.
MUX is available on the ADS1115. This architecture
results
in
a
very
strong
attenuation
in
any
common-mode signals. The converter core consists
Figure 22. ADS1115 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Similar Part No. - ADS1013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013 TI1-ADS1013 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013 TI1-ADS1013 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1013 TI-ADS1013 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013 TI1-ADS1013 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1013 TI1-ADS1013 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com