Electronic Components Datasheet Search |
|
BQ20Z45DBT Datasheet(PDF) 7 Page - Texas Instruments |
|
BQ20Z45DBT Datasheet(HTML) 7 Page - Texas Instruments |
7 / 20 page bq20z45 www.ti.com .................................................................................................................................................................................................. SLUS800 – MARCH 2009 ELECTRICAL CHARACTERISTICS (continued) over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V, V(BAT) = 14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT CL= 4700 pF; 400 1000 V(PACK) ≤ DSG ≤ V(PACK) + 4V tr Rise time µs CL= 4700 pF; 400 1000 V(BAT) ≤ CHG ≤ V(BAT) + 4V CL= 4700pF; V(PACK) + V(DSGON) ≤ DSG ≤ V(PACK) + 40 200 1V tf Fall time µs CL= 4700 pF; 40 200 V(BAT) + V(CHGON) ≤ CHG ≤ V(BAT) + 1V V(ZVCHG) ZVCHG clamp voltage BAT = 4.5 V 3.3 3.5 3.7 V LOGIC; TA = –40°C to 100°C (unless otherwise noted) ALERT 60 100 200 R(PULLUP) Internal pullup resistance k Ω RESET 1 3 6 ALERT 0.2 RESET; V(BAT) = 7V; V(REG25) = 1.5 V; VOL Logic low output voltage level 0.4 V I(RESET) = 200 µA GPOD; I(GPOD) = 50 µA 0.6 LOGIC SMBC, SMBD, PFIN, PRES, SAFE, ALERT VIH High-level input voltage 2.0 V VIL Low-level input voltage 0.8 V VOH Output voltage high(1) IL = –0.5 mA VREG25–0.5 V VOL Low-level output voltage PRES, PFIN, ALERT, IL = 7 mA; 0.4 V CI Input capacitance 5 pF I(SAFE) SAFE source currents SAFE active, SAFE = V(REG25) –0.6 V –3 mA SAFE leakage current SAFE inactive –0.2 0.2 µA Ilkg Input leakage current 1 µA ADC(2) Input voltage range TS1, TS2, using Internal Vref –0.2 1 V Conversion time 31.5 ms Resolution (no missing codes) 16 bits Effective resolution 14 15 bits %FSR( Integral nonlinearity ±0.03 3) Offset error(4) 140 250 µV Offset error drift(4) TA = 25°C to 85°C 2.5 18 µV/°C Full-scale error(5) ±0.1% ±0.7% PPM/ Full-scale error drift 50 °C Effective input resistance(6) 8 M Ω COULOMB COUNTER Input voltage range –0.20 0.20 V Conversion time Single conversion 250 ms Effective resolution Single conversion 15 bits –0.1 V to 0.20 V ±0.007 ±0.034 Integral nonlinearity %FSR –0.20 V to –0.1 V ±0.007 (1) RC[0:7] bus (2) Unless otherwise specified, the specification limits are valid at all measurement speed modes (3) Full-scale reference (4) Post-calibration performance and no I/O changes during conversion with SRN as the ground reference (5) Uncalibrated performance. This gain error can be eliminated with external calibration. (6) The A/D input is a switched-capacitor input. Since the input is switched, the effective input resistance is a measure of the average resistance. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): bq20z45 |
Similar Part No. - BQ20Z45DBT |
|
Similar Description - BQ20Z45DBT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |