Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24072RGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # bq24072RGTR
Description  1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24072RGTR Datasheet(HTML) 1 Page - Texas Instruments

  bq24072RGTR Datasheet HTML 1Page - Texas Instruments bq24072RGTR Datasheet HTML 2Page - Texas Instruments bq24072RGTR Datasheet HTML 3Page - Texas Instruments bq24072RGTR Datasheet HTML 4Page - Texas Instruments bq24072RGTR Datasheet HTML 5Page - Texas Instruments bq24072RGTR Datasheet HTML 6Page - Texas Instruments bq24072RGTR Datasheet HTML 7Page - Texas Instruments bq24072RGTR Datasheet HTML 8Page - Texas Instruments bq24072RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
IN
VSS
BAT
bq24075
bq24079
OUT
EN
2
TS
TEMP
PACK+
PACK-
SYSTEM
SYSOFF
System
ON/OFF
Control
IN
13
8
15
1
2
3
5
10
11
1 F
m
4.7 F
m
4.7 F
m
1.13kW
1.18kW
1kW
1kW
bq24072, bq24073
bq24074, bq24075, bq24079
www.ti.com................................................................................................................................................. SLUS810D – SEPTEMBER 2008 – REVISED JUNE 2009
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
• Fully Compliant USB Charger
Selectable 100mA and 500mA Maximum
The bq2407x series of devices are integrated Li-ion
linear chargers and system power path management
Input Current
devices
targeted
at
space-limited
portable
100mA Maximum Current Limit Ensures
applications. The devices operate from either a USB
Compliance to USB-IF Standard
port or AC adapter and support charge currents up to
Input based Dynamic Power Management
1.5A. The input voltage range with input overvoltage
(VIN-DPM) for Protection Against Poor USB
protection supports unregulated adapters. The USB
Sources
input current limit accuracy and start up sequence
allow the bq2407x to meet USB-IF inrush current
• 28V Input Rating with Overvoltage Protection
specification. Additionally, the input dynamic power
• Integrated Dynamic Power Path Management
management (VIN-DPM) prevents the charger from
(DPPM) Function Simultaneously and
crashing incorrectly configured USB sources.
Independently Powers the System and
The
bq2407x
features
dynamic
power
path
Charges the Battery
management (DPPM) that powers the system while
• Supports up to 1.5A Charge Current with
simultaneously
and
independently
charging
the
Current Monitoring Output (ISET)
battery. The DPPM circuit reduces the charge current
when the input current limit causes the system output
• Programmable Input Current Limit up to 1.5A
to fall to the DPPM threshold; thus, supplying the
for Wall Adapters
system load at all times while monitoring the charge
• System Output Tracks Battery Voltage
current separately. This feature reduces the number
(bq24072)
of charge and discharge cycles on the battery, allows
• Programmable Termination Current (bq24074)
for proper charge termination and enables the system
to run with a defective or absent battery pack.
• Battery Disconnect Function with SYSOFF
Input (bq24075, bq24079)
Typical Application Circuit
• Programmable Pre-Charge and Fast-Charge
Safety Timers
• Reverse Current, Short-Circuit and Thermal
Protection
• NTC Thermistor Input
• Proprietary Start Up Sequence Limits Inrush
Current
• Status Indication – Charging/Done, Power
Good
• Small 3 mm × 3 mm 16 Lead QFN Package
• Smart Phones
• Portable Media Players
• Portable Navigation Devices
• Low-Power Handheld Devices
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - bq24072RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072RGTR TI-BQ24072RGTR Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTR TI-BQ24072RGTR Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTR TI-BQ24072RGTR Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTRG4 TI-BQ24072RGTRG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTRG4 TI-BQ24072RGTRG4 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - bq24072RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com