Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24075RGTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # bq24075RGTR
Description  1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24075RGTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button bq24075RGTR Datasheet HTML 7Page - Texas Instruments bq24075RGTR Datasheet HTML 8Page - Texas Instruments bq24075RGTR Datasheet HTML 9Page - Texas Instruments bq24075RGTR Datasheet HTML 10Page - Texas Instruments bq24075RGTR Datasheet HTML 11Page - Texas Instruments bq24075RGTR Datasheet HTML 12Page - Texas Instruments bq24075RGTR Datasheet HTML 13Page - Texas Instruments bq24075RGTR Datasheet HTML 14Page - Texas Instruments bq24075RGTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
0
100
200
300
400
500
600
700
800
5
6
7
8
9
10
V -InputVoltage-V
I
RILIM
USB500
USB100
10.20
10.25
10.30
10.35
10.40
10.45
10.50
10.55
10.60
10.65
10.70
0
25
50
75
100
125
T -JunctionTemperature-°C
J
V Rising
I
V Falling
I
10.5V
6.45
6.50
6.55
6.60
6.65
6.70
0
25
50
75
100
125
T -JunctionTemperature-°C
J
6.6V
V Rising
I
V Falling
I
R=900
ISET
W
0.95
0.97
0.99
1.01
1.03
1.05
3
3.2
3.4
3.6
3.8
4
4.2
V
-BatteryVoltage-V
BAT
R=3k
ISET
W
280
285
290
295
300
305
310
3
3.2
3.4
3.6
3.8
4
4.2
V
-BatteryVoltage-V
BAT
95
96
97
98
99
100
101
102
103
104
105
2
2.2
2.4
2.6
2.8
3
V
-BatteryVoltage-V
BAT
R=900
ISET
W
28.5
29
29.5
30
30.5
31
31.5
2
2.2
2.4
2.6
2.8
3
V
-BatteryVoltage-V
BAT
R=3k
ISET
W
bq24072, bq24073
bq24074, bq24075, bq24079
www.ti.com................................................................................................................................................. SLUS810D – SEPTEMBER 2008 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS (continued)
VIN = 6V, EN1=1, EN2=0, bq24073 application circuit, TA = 25°C, unless otherwise noted.
bq24072/ 73/ 75/ 79
bq24074
OVERVOLTAGE PROTECTION
OVERVOLTAGE PROTECTION
bq24074
THRESHOLD
THRESHOLD
INPUT CURRENT LIMIT
vs
vs
vs
TEMPERATURE
TEMPERATURE
INPUT VOLTAGE
Figure 19.
Figure 20.
Figure 21.
FASTCHARGE CURRENT
FASTCHARGE CURRENT
PRECHARGE CURRENT
vs
vs
vs
BATTERY VOLTAGE
BATTERY VOLTAGE
BATTERY VOLTAGE
Figure 22.
Figure 23.
Figure 24.
PRECHARGE CURRENT
vs
BATTERY VOLTAGE
Figure 25.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24072 bq24073 bq24074 bq24075, bq24079


Similar Part No. - bq24075RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24075RGTR TI-BQ24075RGTR Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTR TI-BQ24075RGTR Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTR TI-BQ24075RGTR Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTRG4 TI-BQ24075RGTRG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTRG4 TI-BQ24075RGTRG4 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - bq24075RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com