Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24150AYFFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # bq24150AYFFT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24150AYFFT Datasheet(HTML) 2 Page - Texas Instruments

  bq24150AYFFT Datasheet HTML 1Page - Texas Instruments bq24150AYFFT Datasheet HTML 2Page - Texas Instruments bq24150AYFFT Datasheet HTML 3Page - Texas Instruments bq24150AYFFT Datasheet HTML 4Page - Texas Instruments bq24150AYFFT Datasheet HTML 5Page - Texas Instruments bq24150AYFFT Datasheet HTML 6Page - Texas Instruments bq24150AYFFT Datasheet HTML 7Page - Texas Instruments bq24150AYFFT Datasheet HTML 8Page - Texas Instruments bq24150AYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
DESCRIPTION CONTINUED
B1
C1
D1
SW
PMID
PGND
B2
C2
D2
SW
PMID
PGND
B3
C3
D3
SW
PMID
PGND
B4
C4
D4
STAT
SDA
OTG
A1
VBUS
A2
VBUS
A3
BOOT
A4
SCL
E1
CSIN
E2
AUX
PWR
E3
VREF
E4
CSOUT
bq24150A
bq24151A
SLUS931 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
During the charging process, the bq24150A/1A monitors its junction temperature (TJ) and reduces the charge
current once TJ increases to approximately 125°C. To support USB OTG device, bq24150A/1A provides VBUS
(approximately 5.05 V) by boosting the battery voltage. The bq24150A/1A is available in 20-pin WCSP package.
WCSP PACKAGE
(Top View)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Battery voltage and current sense input. Bypass it with a ceramic capacitor (minimum 0.1
µF) to
CSOUT
E4
I
PGND if there are long inductive leads to battery.
VBUS
A1, A2
I
Charger input voltage. Bypass it with a 1-
µF ceramic capacitor from VBUS to PGND.
Connection point between reverse blocking MOSFET and high-side switching MOSFET. Bypass it
PMID
B1, B2, B3
O
with a minimum of 3.3-
µF capacitor from PMID to PGND.
SW
C1, C2, C3
O
Internal switch to output inductor connection.
Boot-strapped capacitor for the high-side MOSFET gate driver. Connect a 10-nF ceramic capacitor
BOOT
A3
O
(voltage rating above 10 V) from BOOT pin to SW pin.
PGND
D1, D2, D3
Power ground
Charge current-sense input. Battery current is sensed via the voltage drop across an external sense
CSIN
E1
I
resistor. A 0.1-
µF ceramic capacitor to PGND is required.
SCL
A4
I
I2C interface clock. Open drain output, connect a 10-k
Ω pullup resistor to 1.8V rail
SDA
B4
I/O
I2C interface data. Open drain output, connect a 10-k
Ω pullup resistor to 1.8V rail
Charge status pin. Pull low when charge in progress. Open drain for other conditions. During faults, a
STAT
C4
O
128-
µS pulse is sent out. STAT pin can be disabled by the EN_STAT bit in control register. STAT can
be used to drive a LED or communicate with a host processor.
Internal bias regulator voltage. Connect a 1-
µF ceramic capacitor from this output to PGND. External
VREF
E3
O
load on VREF is not allowed.
Auxiliary power supply, connected to the battery pack to provide power in high-impedance mode.
AUXPWR
E2
I
Bypass it with a 1-
µF ceramic capacitor from this pin to PGND.
Boost mode enable control or input current limiting selection pin. When OTG is in active status,
bq24150A/1A is forced to operate in boost mode. It has higher priority over I2C control and can be
disabled through control register. The logic voltage level at OTG active status can also be controlled.
OTG
D4
I
At POR, the OTG pin is default to be used as the input current limiting selection pin. When OTG =
High, Iin – limit = 500mA and when OTG = Low, Iin – limit = 100mA, see the Control Register for
details.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq24150A bq24151A


Similar Part No. - bq24150AYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150YFFR TI-BQ24150YFFR Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150YFFT TI-BQ24150YFFT Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - bq24150AYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com