Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24382 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24382
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24382 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24382 Datasheet HTML 1Page - Texas Instruments BQ24382 Datasheet HTML 2Page - Texas Instruments BQ24382 Datasheet HTML 3Page - Texas Instruments BQ24382 Datasheet HTML 4Page - Texas Instruments BQ24382 Datasheet HTML 5Page - Texas Instruments BQ24382 Datasheet HTML 6Page - Texas Instruments BQ24382 Datasheet HTML 7Page - Texas Instruments BQ24382 Datasheet HTML 8Page - Texas Instruments BQ24382 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
APPLICATION SCHEMATIC
1
8
VDC
GND
1 F
m
IN
OUT
VBAT
bq24380
1 F
m
Charging
Circuit
6
SYSTEM
AC Adapter
2
VSS
bq24380
bq24381
bq24382
www.ti.com......................................................................................................................................................... SLUS805B – APRIL 2008 – REVISED MARCH 2009
Overvoltage and Overcurrent Protection IC and Li+ Charger Front-End Protection IC With
LDO Mode
2
• Input Overvoltage Protection
The bq2438x family are charger front-end integrated
circuits designed to provide protection to Li-ion
• Accurate Battery Overvoltage Protection
batteries from failures of the charging circuitry. The IC
• Output Short-Circuit Protection
continuously monitors the input voltage and the
• Soft-Start to Prevent Inrush Currents
battery voltage. The device operates like a linear
• Soft-Stop to Prevent Voltage Spikes
regulator, maintaining a 5.5-V (bq24380) or 5-V
(bq24381, bq24382) output with input voltages up to
• 30-V Maximum Input Voltage
the
Input
overvoltage
threshold.
During
input
• Supports up to 1.7-A Load Current
overvoltage conditions, the IC immediately turns off
• Thermal Shutdown
the internal pass FET disconnecting the charging
circuitry from the damaging input source. Additionally,
• Enable Function
if the battery voltage rises to unsafe levels while
• Fault Status Indication
charging, power is removed from the system. The IC
• Small 2 mm × 2 mm 8-Pin SON Package
checks for short-circuit or overload conditions at its
output when turning the pass FET on, and if it finds
unsafe conditions, it switches off, and then rechecks
the conditions. Additionally, the IC also monitors its
• Smart Phones, Mobile Phones
die temperature and switches off if it exceeds 140°C.
• PDAs
When the IC is controlled by a processor, the IC
• MP3 Players
provides status information about fault conditions to
• Low-Power Handheld Devices
the host.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382DSGR TI1-BQ24382DSGR Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24382DSGT TI1-BQ24382DSGT Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
More results

Similar Description - BQ24382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com