Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24382 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24382
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24382 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24382 Datasheet HTML 5Page - Texas Instruments BQ24382 Datasheet HTML 6Page - Texas Instruments BQ24382 Datasheet HTML 7Page - Texas Instruments BQ24382 Datasheet HTML 8Page - Texas Instruments BQ24382 Datasheet HTML 9Page - Texas Instruments BQ24382 Datasheet HTML 10Page - Texas Instruments BQ24382 Datasheet HTML 11Page - Texas Instruments BQ24382 Datasheet HTML 12Page - Texas Instruments BQ24382 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DETAILED FUNCTIONAL DESCRIPTION
POWER DOWN
POWER ON RESET
DETAILED FUNCTIONAL DESCRIPTION
Input Overvoltage Protection
Battery Overvoltage Protection
Thermal Protection
bq24380
bq24381
bq24382
www.ti.com......................................................................................................................................................... SLUS805B – APRIL 2008 – REVISED MARCH 2009
The bq2438x is a highly integrated circuit designed to provide protection to Li-ion batteries from failures of the
charging circuit and the input source. The IC continuously monitors the input voltage and the battery voltage. The
device operates like a linear regulator, maintaining a 5.5-V (bq24380) or 5-V (bq24381, bq24382) output with
input voltages up to the input overvoltage threshold (VOVP). If the input voltage exceeds VOVP, the IC shuts off the
pass FET and disconnects the system from input power. Additionally, if the battery voltage rises above 4.35 V,
the IC switches off the pass FET, removing the power from the system until the battery voltage falls to safe
levels. The IC also monitors its die temperature and switches the pass FET off if it exceeds 140°C.
The IC can be controlled by a processor, and also provides status information about fault conditions to the host.
The device remains in power-down mode when the input voltage at the IN pin is below the undervoltage
threshold (UVLO) of 2.8 V. The FET connected between the IN and OUT pins is off, and the status output,
FAULT, is set to HI-Z.
The device resets when the input voltage at the IN pin exceeds the UVLO threshold. During power-on reset, the
IC waits for duration tDGL(PGOOD) for the input voltage to stabilize. If, after tDGL(PGOOD), the input voltage and battery
voltage are within operation limits, the pass FET is turned ON. The IC has a soft-start feature to control the
inrush current. The soft-start minimizes the ringing at the input due to the resonant circuit formed by the parasitic
inductance of the adapter cable and the input bypass capacitor. During the soft-start time, tSStart, the current limit
is stepped up in 8 equal steps every 625
µs. Each step is 1/8 of the I
O(SC). After the soft-start sequence is over,
the IC samples the load current. If the load current exceeds IO(SC), the IC initiates short circuit protection. See the
Startup Short-Circuit Protection section for details. If no overcurrent event is measured, the current monitoring
circuitry is disabled for normal operation.
In the event a short-circuit is detected at power-on, to prevent the input voltage from spiking up when the pass
FET is switched off (due to the inductance of the input cable), The pass FET is turned off by gradually reducing
its gate-drive, resulting in a soft-stop (tSStop).
The device continuously monitors the input voltage and the battery voltage as described in detail below:
The OUT output of the bq2438x operates similar to a linear regulator. While the input voltage is less than
VO(REG), and above the UVLO, the output voltage tracks the input voltage (less the drop caused by RDS(on) of the
pass FET). When the input voltage is greater than VO(REG) (plus the RDS(on) drop) and less than VOVP, the output
voltage is regulated to VO(REG). VO(REG) is 5.5 V for the bq24380, and 5 V for the bq24381 and bq24382. If the
input voltage is increased above VOVP, the internal pass FET is turned off, removing power from the charging
circuitry connected to OUT. The FAULT output is then asserted low. When the input voltage drops below VOVP
Vhys(OVP) (but is still above UVLO), the pass FET is turned on after a deglitch time of tREC(OVP). The deglitch time
ensures that the input supply has stabilized. The condition 5 in Figure 18 illustrates an input overvoltage event.
The battery overvoltage threshold BVOVP is internally set to 4.35 V for the bq2438x. Condition 3 in Figure 18
illustrates a battery overvoltage event. If the battery voltage exceeds the BVOVP threshold for longer than
tDGL(BVovp), the pass FET is turned off (using soft-stop), and FAULT is asserted low. The pass FET is turned on
(using the soft-start sequence) once the battery voltage drops to BVOVP – Vhys(BVovp).
If the junction temperature of the device exceeds TJ(OFF), the pass FET is turned off, and the FAULT output is
asserted low. The FET is turned on when the junction temperature falls below TJ(OFF) – TJ(OFF-HYS).
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24380 bq24381 bq24382


Similar Part No. - BQ24382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382DSGR TI1-BQ24382DSGR Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24382DSGT TI1-BQ24382DSGT Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
More results

Similar Description - BQ24382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com