Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12LV21APGF Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB12LV21APGF
Description  IEEE 1394-1995 BUS TO PCI BUS INTERFACE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV21APGF Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB12LV21APGF Datasheet HTML 6Page - Texas Instruments TSB12LV21APGF Datasheet HTML 7Page - Texas Instruments TSB12LV21APGF Datasheet HTML 8Page - Texas Instruments TSB12LV21APGF Datasheet HTML 9Page - Texas Instruments TSB12LV21APGF Datasheet HTML 10Page - Texas Instruments TSB12LV21APGF Datasheet HTML 11Page - Texas Instruments TSB12LV21APGF Datasheet HTML 12Page - Texas Instruments TSB12LV21APGF Datasheet HTML 13Page - Texas Instruments TSB12LV21APGF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TSB12LV21A
(PCILynx) IEEE 1394-1995 BUS TO PCI BUS INTERFACE
SLLS273 – APRIL 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
zoom video port switching characteristics, source clock = 30 ns with a 50% duty cycle
PARAMETER
MEASURED
TEST
CONDITION
MIN
TYP
MAX
UNIT
tsu7
Setup time, zv_hsync low, zv_vsync, zv_data_valid high before
zv_pix_clk high
1.3 V to 1.3 V
See Figure 4
12
ns
th4
Hold time, zv_hsync high, zv_vsync, zv_data_valid low after
zv_pix_clk low
1.3 V to 1.3 V
See Figure 4
14
ns
tsu8
Setup time, aux_data7–0 valid before zv_pix_clk high or low
1.3 V to 1.3 V
See Figure 4
10
ns
th5
Hold time, aux_data7–0 valid after zv_pix_clk high or low
1.3 V to 1.3 V
See Figure 4
14
ns
td11
Delay time, zv_hsync low, zv_vsync, zv_data_valid high after
zv_pix_clk low
1.3 V to 1.3 V
See Figure 5
–1
3
ns
td12
Delay time, aux_data7–0 invalid after zv_pix_clk low
1.3 V to 1.3 V
See Figure 5
–1
5
ns
tsu9
Setup time, zv_hsync low before zv_pix_clk high
1.3 V to 1.3 V
See Figure 6
25
ns
th6
Hold time, zv_hsync high after zv_pix_clk high
1.3 V to 1.3 V
See Figure 6
14
ns
tsu10 Setup time, zv_vsync high before zv_pix_clk high
1.3 V to 1.3 V
See Figure 6
10
ns
tsu11
Setup time, aux_data7–0 valid, zv_data_valid high before
zv_pix_clk high
1.3 V to 1.3 V
See Figure 6
25
ns
th7
Hold time, aux_data7–0 valid, zv_data-valid low after
zv_pix_clk high
1.3 V to 1.3 V
See Figure 6
14
ns


Similar Part No. - TSB12LV21APGF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21 TI-TSB12LV21 Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21 TI-TSB12LV21 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results

Similar Description - TSB12LV21APGF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
logo
Fujitsu Component Limit...
MB86615 FUJITSU-MB86615 Datasheet
633Kb / 48P
   IEEE 1394 Bus Controller (for DVC)
logo
Motorola, Inc
MC143421 MOTOROLA-MC143421 Datasheet
193Kb / 11P
   PCI Bus Interface
logo
Texas Instruments
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
logo
NXP Semiconductors
HEF4738V PHILIPS-HEF4738V Datasheet
118Kb / 8P
   IEC/IEEE bus interface
January 1995
logo
Fujitsu Component Limit...
MB86612 FUJITSU-MB86612 Datasheet
574Kb / 40P
   IEEE 1394 Bus Controller (for MPEG, DVC)
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
   IEEE 1394 Serial Bus Controller for DTV
logo
Texas Instruments
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com