Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24741RHDR Datasheet(PDF) 8 Page - Texas Instruments

Part # bq24741RHDR
Description  Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24741RHDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq24741RHDR Datasheet HTML 4Page - Texas Instruments bq24741RHDR Datasheet HTML 5Page - Texas Instruments bq24741RHDR Datasheet HTML 6Page - Texas Instruments bq24741RHDR Datasheet HTML 7Page - Texas Instruments bq24741RHDR Datasheet HTML 8Page - Texas Instruments bq24741RHDR Datasheet HTML 9Page - Texas Instruments bq24741RHDR Datasheet HTML 10Page - Texas Instruments bq24741RHDR Datasheet HTML 11Page - Texas Instruments bq24741RHDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
bq24741
SLUS875A – MARCH 2009 – REVISED MARCH 2009 ...................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
8.0 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, Fs=600 kHz, typical values are at TA = 25°C, with respect to AGND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CURRENT DETECT COMPARATOR (INPUT UNDER_CURRENT, ACIGOOD)
VACIDET
Adapter current detect falling
VACI = 20 X IAC x RAC, falling edge
200
250
300
mV
threshold
VACIDE_HYS
Adapter current detect hysteresis
Rising edge
50
mV
IADAPT rising
10
µs
Adapter current detect deglitch
IADAPT falling
10
µs
PVCC / BAT COMPARATOR
VPVCC_BAT_OP
Differential Voltage from PVCC to
-20
24
V
BAT
VPVCC-BAT_FALL
PVCC to BAT falling threshold
VPVCC – VBAT to disable charge
850
900
950
mV
VPVCC-BAT__HYS
PVCC to BAT hysteresis
200
225
250
mV
PVCC to BAT rising deglitch
VPVCC – VBAT > VPVCC-BAT_RISE
4.5
ms
PVCC to BAT ralling deglitch
VPVCC – VBAT < VPVCC-BAT_FALL
10
µs
BAT OVERVOLTAGE COMPARATOR
VOV_RISE
Overvoltage rising threshold(5)
As percentage of VBAT_REG
104
%
VOV_FALL
Overvoltage falling threshold(5)
As percentage of VBAT_REG
102
%
BATSHORT COMPARATOR
VBATSHORT_RISE
Battery rising voltage for BATSHORT
2
V/Cell
exit
VBATSHORT_FALL
Battery falling voltage for BATSHORT
1.7
V/Cell
entry
CHARGE OVERCURRENT COMPARATOR
VOC_peak
Peak charge over-current threshold
V(CSP-CSN), when VISET / VDAC < 0.8
90
110
130
mV
V(CSP-CSN), when VISET / VDAC ≥ 0.8
100
125
150
mV
CHARGE UNDERCURRENT PROTECTION COMPARATOR (UCP)
VUCP
Charge under-current threshold,
V(CSP-CSN) from synchronous to
25
30
35
mV
falling edge
non-synchronous operation
Charge under-current threshold,
V(CSP-CSN) from non-synchronous to
35
40
45
mV
rising edge
synchronous operation
Charge under-current rising deglitch
10
µs
Charge under-current falling deglitch
320
µs
INPUT OVERVOLTAGE COMPARATOR (ACOV)
VACOV
AC over-voltage rising threshold on
Measure on ACDET pin
3.007
3.1
3.193
V
ACDET
VACOV_HYS
AC over-voltage deglitch (rising edge)
650
µs
AC over-voltage deglitch (falling
650
µs
edge)
INPUT UNDERVOLTAGE LOCK-OUT COMPARATOR (UVLO)
VUVLO
AC under-voltage rising threshold
Measured on PVCC pin
7
8
9
V
VUVLO_HYS
AC under-voltage hysteresis, falling
260
mV
INPUT LOW POWER MODE COMPARATOR (LPMOD)
VACLP_HYS
AC low power mode comparator
5%
7%
internal hysteresis
VACLP_OFFSET
AC low power mode comparator
1
mV
offset voltage
(5)
Verified by design
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24741


Similar Part No. - bq24741RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
More results

Similar Description - bq24741RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com