Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24753ARHDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # bq24753ARHDR
Description  Host-Controlled Li-Ion and Li-Polymer Battery Charger with Low Iq and System Power Selector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24753ARHDR Datasheet(HTML) 1 Page - Texas Instruments

  bq24753ARHDR Datasheet HTML 1Page - Texas Instruments bq24753ARHDR Datasheet HTML 2Page - Texas Instruments bq24753ARHDR Datasheet HTML 3Page - Texas Instruments bq24753ARHDR Datasheet HTML 4Page - Texas Instruments bq24753ARHDR Datasheet HTML 5Page - Texas Instruments bq24753ARHDR Datasheet HTML 6Page - Texas Instruments bq24753ARHDR Datasheet HTML 7Page - Texas Instruments bq24753ARHDR Datasheet HTML 8Page - Texas Instruments bq24753ARHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ACOP
bq24753A
28LDQFN
TOP VIEW
LEARN
SRN
BAT
CELLS
SRP
SRSET
IADAPT
ACDRV
ACSET
CHGEN
ACN
ACP
ACDET
1
2
3
4
5
6
7
8
9
10 11
12
13 14
15
16
17
18
19
20
21
27 26
25 24 23
22
28
bq24753A
www.ti.com....................................................................................................................................................................................................... SLUS920 – JULY 2009
Host-Controlled Li-Ion and Li-Polymer Battery Charger
with Low Iq and System Power Selector
• Notebook, Netbook and Ultra-Mobile
2
• NMOS-NMOS Synchronous Buck Converter
Computers
with 300 kHz Frequency and >95% Efficiency
• Portable Data Capture Terminals
• 30-ns Minimum Driver Dead-time and 99.5%
• Portable Printers
Maximum Effective Duty Cycle
• Medical Diagnostics Equipment
• High-Accuracy Voltage and Current Regulation
• Battery Bay Chargers
±0.5% Charge Voltage Accuracy
• Battery Back-up Systems
±3% Charge Current Accuracy
±3% Adapter Current Accuracy
±2% Input Current Sense Amp Accuracy
The bq24753A is a high-efficiency, synchronous
• Integration
battery charger with integrated compensation and
Automatic System Power Selection From
system power selector logic, offering low component
count for space-constrained Li-Ion and Li-Polymer
AC/DC Adapter or Battery
battery charging applications. Ratiometric charge
Internal Loop Compensation
current and voltage programming allows for high
Internal Soft Start
regulation accuracies, and can be either hardwired
• Safety
with
resistors
or
programmed
by
the
system
power-management microcontroller using a DAC or
Programmable Input Overvoltage
GPIOs.
Protection (OVP)
The bq24753A charges two, three, or four series Li+
Fast Dynamic Power Management (DPM)
cells, supporting up to 10 A of charge current, and is
Programmable Inrush Adapter Power
available in a 28-pin, 5x5-mm thin QFN package.
(ACOP) and Overcurrent (ACOC) Limits
Reverse-Conduction Protection Input FET
• Supports Two, Three, or Four Li+ Cells
• 8 – 24 V AC/DC-Adapter Operating Range
• Analog Inputs with Ratiometric Programming
via Resistors or DAC/GPIO Host Control
Charge Voltage (4-4.512 V/cell)
Charge Current (up to 10 A, with 10-m
Ω)
Adapter Current Limit (DPM)
• Status and Monitoring Outputs
Adapter Present with Programmable
Voltage Threshold
Current Drawn from Input Source
• Battery Learn Cycle Control
• Charge Enable
• 28-pin, 5x5-mm QFN package
• Energy Star Low I
q
< 10
µA Off-State Battery Discharge Current
< 1.5 mA Off-State Input Quiescent Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - bq24753ARHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753RHDR TI-BQ24753RHDR Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753RHDT TI-BQ24753RHDT Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results

Similar Description - bq24753ARHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24704 TI-BQ24704 Datasheet
1Mb / 31P
[Old version datasheet]   Low Cost, Host-Controlled Li-Ion and Li-Polymer Battery Charger With Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24741 TI-BQ24741 Datasheet
1Mb / 30P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com