Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB21LV03CHV Datasheet(PDF) 9 Page - Texas Instruments

Part # TSB21LV03CHV
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB21LV03CHV Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB21LV03CHV Datasheet HTML 5Page - Texas Instruments TSB21LV03CHV Datasheet HTML 6Page - Texas Instruments TSB21LV03CHV Datasheet HTML 7Page - Texas Instruments TSB21LV03CHV Datasheet HTML 8Page - Texas Instruments TSB21LV03CHV Datasheet HTML 9Page - Texas Instruments TSB21LV03CHV Datasheet HTML 10Page - Texas Instruments TSB21LV03CHV Datasheet HTML 11Page - Texas Instruments TSB21LV03CHV Datasheet HTML 12Page - Texas Instruments TSB21LV03CHV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TSB21LV03C
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS331A – FEBRUARY 1999 – REVISED OCTOBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
TYPE
I/O
DESCRIPTION
NAME
HV
PM
TPA1+
TPA2+
TPA3+
57
51
47
45
40
36
Cable
O
Portn, port cable pair A. TPAn is the port A connection to the twisted-pair cable.
Board traces from these terminals should be kept matched and as short as pos
TPA1–
TPA2–
TPA3–
56
50
46
44
39
35
Cable
O
Board traces from these terminals should be kept matched and as short as pos-
sible to the external load resistors and to the cable connector.
TPB1+
TPB2+
TPB3+
55
49
45
43
38
34
Cable
O
Portn, port cable pair B. TPBn is the port B connection to the twisted-pair cable.
Board traces from these terminals should be kept matched and as short as pos
TPB1–
TPB2–
TPB3–
54
48
44
42
37
33
Cable
O
Board traces from these terminals should be kept matched and as short as pos-
sible to the external load resistors and to the cable connector.
TPBIAS1
TPBIAS2
TPBIAS3
58
59
60
46
47
48
Cable
O
Portn, twisted-pair bias. TPBIASn provides the 1.86-V nominal bias voltage
needed for proper operation of the twisted-pair cable drivers and receivers and
for sending a valid cable connection signal to the remote nodes.
VDD–5V
13
4
Supply
5-V VDDsupply.VDD–5VshouldbeconnectedtotheLLCVDDsupplywhena5-V
LLC is connected to the phy, and it should be connected to the phy DVDD when a
3-V LLC is used.
XI
XO
68
1
56
57
Crystal oscillator. XO and XI connect to a 24.576-MHz parallel resonant funda-
mental mode crystal. Although, when a 24.576-MHz crystal oscillator is used, it
can be connected to XI with XO left unconnected. The optimum values for the
external shunt capacitors are dependent on the specifications of the crystal
used. See application note on crystal oscillator.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD
– 0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.5 V to VDD+0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range at any output, VO
– 0.5 V to VDD+0.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA, TSB21LV03C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TSB21LV03CI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TSB21LV03CM
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ, PM package
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
HV package
165
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
220
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
PM
1866 mW
14.9 mW/
_C
1194 mW
972 mW
HV
2943 mW
21.02 mW/
_C
1997 mW
1681 mW
841 mW
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA) and uses a board-mounted 67°C/W for PM package and
47.57
°C/W for HV package.


Similar Part No. - TSB21LV03CHV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB21LV03C TI1-TSB21LV03C Datasheet
67Kb / 3P
[Old version datasheet]   ERRATA TO THE TSB21LV03C
TSB21LV03CIPM TI1-TSB21LV03CIPM Datasheet
67Kb / 3P
[Old version datasheet]   ERRATA TO THE TSB21LV03C
TSB21LV03CMHV TI1-TSB21LV03CMHV Datasheet
67Kb / 3P
[Old version datasheet]   ERRATA TO THE TSB21LV03C
TSB21LV03CMHVB TI1-TSB21LV03CMHVB Datasheet
67Kb / 3P
[Old version datasheet]   ERRATA TO THE TSB21LV03C
TSB21LV03C TI1-TSB21LV03C_12 Datasheet
67Kb / 3P
[Old version datasheet]   ERRATA TO THE TSB21LV03C
More results

Similar Description - TSB21LV03CHV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com