Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP418PAPT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP418PAPT
Description  8-Channel Gigabit Signal Conditioning Buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP418PAPT Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP418PAPT Datasheet HTML 1Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 2Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 3Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 4Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 5Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 6Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 7Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 8Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SN65LVCP418
www.ti.com....................................................................................................................................................................................................... SLLS856 – JUNE 2009
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
HIGH SPEED I/O
5, 8, 11, 14,
xA
18, 21, 24
Differential Inputs (with 50-
,27
termination to Vbb) xA=P;
Line Side Differential Inputs CML compatible
6, 9, 12, 15,
xB=N
xB
19, 22, 25,
28
34, 37, 40
xY
43, 51, 54,
57, 60
Differential Output xY=P;
Switch Side Differential Outputs. VML
xZ=N
33, 36, 39,
xZ
42, 50, 53,
56, 59
CONTROL SIGNALS
SCL
45
SDA
46
Inputs
I2C Control Interface (SCL: Clock, SDA: Data, ADDR: Address)
ADDR1
47
ADDR2
48
EQ
31
Input
Equalization setting when I2C is not enabled. EQ=0 13dB and EQ=1 for 9dB
Pre-Emphasis setting when I2C is not enabled. PRE=0 for 0 dB and PRE=1
PRE
32
Input
for 6 dB
Enables I2C control interface I2C_EN=1 for enable; When EN=0 then the
I2C_EN
63
Input
PRE and EQ pins are used to set the Pre-Emphasis and Equalization
settings rather than the I2C register map.
NC
62
Input
No Connect
Configuration Reset. Resets I2C register space; Note upon device startup
RESN
3
Input (Active Low)
the RESN pin must be driven low to reset the device registers.
POWER SUPPLY
2, 7, 13, 20,
26, 30, 35,
VCC
Power
Power Supply 3.3v±5%
41, 52, 58,
64
1,4, 10, 17,
23, 29 , 38,
GND
Ground
44, 49, 55,
61
PowerPAD™
Ground
The ground center pad of the package must be connected to GND plane.
VBB
16
Input
Receiver input biasing voltage
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVCP418


Similar Part No. - SN65LVCP418PAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP418PAPT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
AD670 AD-AD670_15 Datasheet
366Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_17 Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
AD670 AD-AD670 Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com