Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP418PAPT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP418PAPT
Description  8-Channel Gigabit Signal Conditioning Buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP418PAPT Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVCP418PAPT Datasheet HTML 1Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 2Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 3Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 4Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 5Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 6Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 7Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 8Page - Texas Instruments SN65LVCP418PAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
Gain
Stage
+ EQ
RBBDC
VBB
Self−Biasing Network
LineEndTermination
VCC
VCC
ESD
IN+
IN−
RT(SE)
= 50 W
RT(SE)
= 50 W
VOCM
OUT−
OUT+
49.9 W
49.9 W
1 pF
PACKAGE THERMAL CHARACTERISTICS
SN65LVCP418
SLLS856 – JUNE 2009....................................................................................................................................................................................................... www.ti.com
Figure 1. Equivalent Input Circuit Design
Figure 2. Common-Mode Output Voltage Test Circuit
AVAILABLE OPTIONS
PACKAGED DEVICE(1)(2)
TA
DESCRIPTION
PAP (64 pin)
–40°C to 85°C
Multi Channel Gigabit Signal Conditioner
SN65LVCP418
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., SN65LVCP418PAP). Temperature range assumes 1
m/s airflow.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
PACKAGE THERMAL CHARACTERISTICS(1)
NOM
UNIT
θ
JA (junction-to-ambient)
100LFM airflow is required otherwise a 4x4 thermal via
21.2
°C/W
array must be implemented with 6 layer or greater PCB
(1)
See application note SPRA953 for a detailed explaniation of thermal parameters.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP418


Similar Part No. - SN65LVCP418PAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP418PAPT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
AD670 AD-AD670_15 Datasheet
366Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_17 Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
AD670 AD-AD670 Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com