Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41LV03APFP Datasheet(PDF) 4 Page - Texas Instruments

Part # TSB41LV03APFP
Description  IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV03APFP Datasheet(HTML) 4 Page - Texas Instruments

  TSB41LV03APFP Datasheet HTML 1Page - Texas Instruments TSB41LV03APFP Datasheet HTML 2Page - Texas Instruments TSB41LV03APFP Datasheet HTML 3Page - Texas Instruments TSB41LV03APFP Datasheet HTML 4Page - Texas Instruments TSB41LV03APFP Datasheet HTML 5Page - Texas Instruments TSB41LV03APFP Datasheet HTML 6Page - Texas Instruments TSB41LV03APFP Datasheet HTML 7Page - Texas Instruments TSB41LV03APFP Datasheet HTML 8Page - Texas Instruments TSB41LV03APFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
TSB41LV03A, TSB41LV03AI
IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS364A – JULY 1999 – REVISED MAY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The LPS input is considered inactive if it remains low for more than 2.6
µs and is considered active otherwise.
When the TSB41LV03A detects that LPS is inactive, it will place the PHY-LLC interface into a low–power reset
state in which the CTL and D outputs are held in the logic zero state and the LREQ input is ignored; however,
the SYSCLK output remains active. If the LPS input remains low for more than 26
µs, the PHY-LLC interface
is put into a low–power disabled state in which the SYSCLK output is also held inactive. The PHY-LLC interface
is also held in the disabled state during hardware reset. The TSB41LV03A will continue the necessary repeater
functions required for normal network operation regardless of the state of the PHY–LLC interface. When the
interface is in the reset or disabled state and LPS is again observed active, the PHY will initialize the interface
and return it to normal operation.
When the PHY-LLC interface in the low-power disabled state, the TSB41LV03A will automatically enter a
low-power mode if all ports are inactive (disconnected, disabled, or suspended). In this low-power mode, the
TSB41LV03A disables its internal clock generators and also disables various voltage and current reference
circuits depending on the state of the ports (some reference circuitry must remain active in order to detect new
cable connections, disconnections, or incoming TPBias, for example). The lowest power consumption (the
ultra
low-power sleep mode) is attained when all ports are either disconnected, or disabled with the port’s interrupt
enable bit cleared. The TSB41LV03A will exit the low-power mode when the LPS input is asserted high or when
a port event occurs which requires that the TSB41LV03A become active in order to respond to the event or to
notify the LLC of the event (e.g., incoming bias is detected on a suspended port, a disconnection is detected
on a suspended port, a new connection is detected on a nondisabled port, etc.). The SYSCLK output will
become active (and the PHY-LLC interface will be initialized and become operative) within 7.3 ms after LPS is
asserted high when the TSB41LV03A is in the low-power mode.
The PHY uses the C/LKON terminal to notify the LLC to power up and become active. When activated, the
C/LKON signal is a square wave of approximately 163 ns period. The PHY activates the C/LKON output when
the LLC is inactive and a wake-up event occurs. The LLC is considered inactive when either the LPS input is
inactive, as described above, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on PHY packet
addressed to this node is received, or conditionally when a PHY interrupt occurs. The PHY deasserts the
C/LKON output when the LLC becomes active (both LPS active and the LCtrl bit set to 1). The PHY also
deasserts the C/LKON output when a bus-reset occurs unless a PHY interrupt condition exists which would
otherwise cause C/LKON to be active.


Similar Part No. - TSB41LV03APFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV03APFP TI1-TSB41LV03APFP Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03APFPG4 TI1-TSB41LV03APFPG4 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41LV03APFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06 TI-TSB41LV06 Datasheet
500Kb / 39P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com