Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS83B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS83B
Description  FLATLINK??TRANSMITTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS83B Datasheet(HTML) 2 Page - Texas Instruments

  SN75LVDS83B Datasheet HTML 1Page - Texas Instruments SN75LVDS83B Datasheet HTML 2Page - Texas Instruments SN75LVDS83B Datasheet HTML 3Page - Texas Instruments SN75LVDS83B Datasheet HTML 4Page - Texas Instruments SN75LVDS83B Datasheet HTML 5Page - Texas Instruments SN75LVDS83B Datasheet HTML 6Page - Texas Instruments SN75LVDS83B Datasheet HTML 7Page - Texas Instruments SN75LVDS83B Datasheet HTML 8Page - Texas Instruments SN75LVDS83B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
(1)
SN75LVDS83B
SLLS846 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The SN75LVDS83B requires no external components and little or no control. The data bus appears the same at
the input to the transmitter and output of the receiver with the data transmission transparent to the user(s). The
only user intervention is selecting a clock rising edge by inputting a high level to CLKSEL or a falling edge with a
low-level input, and the possible use of the Shutdown/Clear (SHTDN). SHTDN is an active-low input to inhibit the
clock, and shut off the LVDS output drivers for lower power consumption. A low-level on this signal clears all
internal registers to a low-level.
The SN75LVDS83B is characterized for operation over ambient air temperatures of -10°C to 70°C.
Alternative device option: The SN75LVDS83A (SLLS980) is an alternative to the SN75LVDS83B for clock
frequency range of 10MHz-100MHz only. The SN75LVDS83A is available in the TSSOP package option only.
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
SN75LVDS83BZQLR
LVDS83B in BGA package
56-pin ZQL LARGE T&R
SN75LVDS83BDGG
LVDS83B in TSSOP package
56-pin DGG TUBE
SN75LVDS83BDGGR
LVDS83B in TSSOP package
56-pin DGG LARGE T&R
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or
refer to our web site at www.ti.com.
VALUE
UNIT
Supply voltage range, VCC, IOVCC, LVDSVCC, PLLVCC(2)
-0.5 to 4
V
Voltage range at any output terminal
-0.5 to VCC + 0.5
V
Voltage range at any input terminal
-0.5 to IOVCC + 0.5
V
Continuous power dissipation
See the dissipation rating table
Human Body Model (HBM)(3) all pins
5
kV
ESD rating
Charged Device Model (CDM)(4) all pins
500
V
Machine Model (MM)(5) all pins
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
All voltages are with respect to the GND terminals.
(3)
In accordance with JEDEC Standard 22, Test Method A114-A.
(4)
In accordance with JEDEC Standard 22, Test Method C101.
(5)
In accordance with JEDEC Standard 22, Test Method A115-A.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN75LVDS83B


Similar Part No. - SN75LVDS83B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS83BDGG TI1-SN75LVDS83BDGG Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS83BDGGR TI1-SN75LVDS83BDGGR Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS83BZQLR TI1-SN75LVDS83BZQLR Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
More results

Similar Description - SN75LVDS83B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com