Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6214IRHFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IRHFT
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IRHFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6214IRHFT Datasheet HTML 5Page - Texas Instruments THS6214IRHFT Datasheet HTML 6Page - Texas Instruments THS6214IRHFT Datasheet HTML 7Page - Texas Instruments THS6214IRHFT Datasheet HTML 8Page - Texas Instruments THS6214IRHFT Datasheet HTML 9Page - Texas Instruments THS6214IRHFT Datasheet HTML 10Page - Texas Instruments THS6214IRHFT Datasheet HTML 11Page - Texas Instruments THS6214IRHFT Datasheet HTML 12Page - Texas Instruments THS6214IRHFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, GDIFF = +5V/V with RL = 100Ω differential load, RADJ = 0Ω, active impedance circuit configuration, and full bias,
unless otherwise noted. Each port is independently tested.
THS6214IRHF, IPWP
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
LOGIC
Logic 1, with respect to GND(3), TA = –40°C to +85°C
1.9
V
B
Bias control pin logic threshold
Logic 0, with respect to GND(3), TA = –40°C to +85°C
0.8
V
B
Bias-1, Bias-2 = 0.5V (logic 0)
20
30
µA
A
TA = –40°C to +85°C
35
µA
B
Bias pin quiescent current
Bias-1, Bias-2 = 3.3V (logic 1)
0.3
1
µA
A
TA = –40°C to +85°C
1.2
µA
B
Turn-on time delay (tON)
Time for IS to reach 50% of final value
1
µs
C
Turn-off time delay (tOFF)
Time for IS to reach 50% of final value
1
µs
C
Bias pin input impedance
50
k
C
Amplifier output impedance
Off bias (Bias-1 = 1, Bias-2 = 1)
10 || 5
k
Ω || pF
C
(3)
The GND pin usable range is from VS– to (VS+ – 5V).
Table 1. Logic Table
BIAS-1
BIAS-2
FUNCTION
DESCRIPTION
0
0
Full bias mode (100%)
Amplifiers on with lowest distortion possible (default state)
1
0
Mid bias mode (75%)
Amplifiers on with power savings and a reduction in distortion performance
0
1
Low bias mode (50%)
Amplifiers on with enhanced power savings and a reduction of overall performance
1
1
Shutdown mode
Amplifiers off and output has high impedance
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS6214


Similar Part No. - THS6214IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212 TI1-THS6212 Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
THS6212 TI1-THS6212 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
THS6212IRHFR TI1-THS6212IRHFR Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
THS6212IRHFR TI1-THS6212IRHFR Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
THS6212IRHFT TI1-THS6212IRHFT Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
More results

Similar Description - THS6214IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com