Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6214IRHFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IRHFT
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IRHFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6214IRHFT Datasheet HTML 6Page - Texas Instruments THS6214IRHFT Datasheet HTML 7Page - Texas Instruments THS6214IRHFT Datasheet HTML 8Page - Texas Instruments THS6214IRHFT Datasheet HTML 9Page - Texas Instruments THS6214IRHFT Datasheet HTML 10Page - Texas Instruments THS6214IRHFT Datasheet HTML 11Page - Texas Instruments THS6214IRHFT Datasheet HTML 12Page - Texas Instruments THS6214IRHFT Datasheet HTML 13Page - Texas Instruments THS6214IRHFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TYPICAL CHARACTERISTICS: VS = ±12V, Full Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(Hz)
10M
100M
400M
G
=1V/V
V =2V
R
=
R =100
CM
O
PP
ADJ
L
0W
W
G
=5V/V
DIFF
F
R =1.5kW
G
=10V/V
DIFF
F
R =1.24kW
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(Hz)
10M
100M
400M
G
=10V/V
G
=1V/V
V =2V
R
=
R =100
DIFF
CM
O
PP
ADJ
L
0W
W
75%Bias
50%Bias
FullBias
12
8
4
0
4
8
12
-
-
-
Time(10ns/div)
G
=10V/V
G
=1V/V
R =100
DIFF
CM
L
W
Small-Signal 500mV
RightScale
±
P
1.2
0.8
4
0
4
8
1.2
0.
0.
0.
-
-
-
Large-SignalPulseResponse
( 10V )LeftScale
±
P
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
0
60
300
120
180
240
G
=10V/V
G
=1V/V
R
=
R =100
DIFF
CM
ADJ
L
0W
W
V =2V
O
PP
V =4V
O
PP
V =8V
O
PP
V =20V
O
PP
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
23
20
17
14
11
8
5
2
Frequency(Hz)
10M
100M
300M
THS6214
R
S
THS6214
R
S
C
L
1kW
Optional
V
IN
V
OUT
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
At TA = +25°C, GDIFF = +10V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.24kΩ, and RL = 100Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
vs BIAS MODE
Figure 2.
Figure 3.
LARGE-SIGNAL FREQUENCY RESPONSE
PULSE RESPONSE
Figure 4.
Figure 5.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214


Similar Part No. - THS6214IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212 TI1-THS6212 Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
THS6212 TI1-THS6212 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
THS6212IRHFR TI1-THS6212IRHFR Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
THS6212IRHFR TI1-THS6212IRHFR Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
THS6212IRHFT TI1-THS6212IRHFT Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
More results

Similar Description - THS6214IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com