Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7.0-3750-10 Datasheet(PDF) 5 Page - ASM GmbH

Part # WS7.0-3750-10
Description  Absolute or Incremental Encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.0-3750-10 Datasheet(HTML) 5 Page - ASM GmbH

  WS7.0-3750-10 Datasheet HTML 1Page - ASM GmbH WS7.0-3750-10 Datasheet HTML 2Page - ASM GmbH WS7.0-3750-10 Datasheet HTML 3Page - ASM GmbH WS7.0-3750-10 Datasheet HTML 4Page - ASM GmbH WS7.0-3750-10 Datasheet HTML 5Page - ASM GmbH WS7.0-3750-10 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
90
CAT-POS-E-2001
ASM
WS Position Sensors
Output Specification TSSI-P
· 8192 counts per revolution (13 bit), 4096 revolutions (12 bit)
· Encoder programming and data transfer via RS-232 interface
· In addition sinusoidal incremental signals
The sensing device of the SSI is a 25-bit absolute multiturn encoder. The position
information is given by an analog/digital converter as a serial data word. The processing unit
(PLC, Microcomputer) sends pulse sequences which clocks the data transmission at the
required transfer rate. With the first falling edge of the pulse sequence the position of the
sensor is recorded and stored. The following rising edges control the bit-by-bit transmission
of the data word. After a delay time the next new position information will be transmitted.
Description
Signal Conditioner
TSSI
Absolute Encoder
synchronous serial,
programmable
Output
EIA RS-422, RS-485, short-circuit proof
Excitation Voltage
10 ... 30 V DC, reverse polarity protected
Excitation Current
250 mA max. without load
Clock Frequency
100 kHz ... 1 MHz
Programmable Functions
Resolution, Offset, Preset, Counting Direction, Output
Code and Format
Code
Gray or Binary
Format
Tannenbaum (SSI) or Serial, right aligned
Delay between Pulse Trains
12 to 35 µs
Incremental Signal
Two sinusoidal quadrature signals A and B, each with
512 periods per revolution. Signal amplitude approx.
1Vss with 120
W terminating resistance
Serial Interface
RS-232C asynchronous (TxD, RxD, GND) for
encoder programming and data transmission
Hardware Programming
Preset1, Preset2, Counting Direction
Stability (Temperature)
002% / K Full Scale (sensor mechanism)
Operation Temperature
-20 ... +85 °C
Immunity to Interference (EMC)
According to EN50082-2, EN50081-1
Data Format
(Train of 26 pulses)
Signal Wiring /
Connection
Signal Name
Connector Pin
Excitation +
7
Excitation GND (0V)
10
CLOCK
8
CLOCK
9
DATA
14
DATA
17
Signal A
15
Signal A
16
Signal B
12
Signal B
13
Internal shield
11
RxD
1
TxD
4
Fault detection signal UaS
3
Preset1
5
Preset2
6
Counting direction
2
Programming Software
and Connector Cable
see page 104.


Similar Part No. - WS7.0-3750-10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-10V-L05 ASM-SENSOR-WS7.5-10000-10V-L05 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-10V-L10 ASM-SENSOR-WS7.5-10000-10V-L10 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-10V-L25 ASM-SENSOR-WS7.5-10000-10V-L25 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-420A-L05 ASM-SENSOR-WS7.5-10000-420A-L05 Datasheet
668Kb / 17P
   analog or SSI output
More results

Similar Description - WS7.0-3750-10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
   incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
   Incremental Encoder
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
   Encoder interface for incremental or serial encoders.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com