Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59025IPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC59025IPWR
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59025IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC59025IPWR Datasheet HTML 6Page - Texas Instruments TLC59025IPWR Datasheet HTML 7Page - Texas Instruments TLC59025IPWR Datasheet HTML 8Page - Texas Instruments TLC59025IPWR Datasheet HTML 9Page - Texas Instruments TLC59025IPWR Datasheet HTML 10Page - Texas Instruments TLC59025IPWR Datasheet HTML 11Page - Texas Instruments TLC59025IPWR Datasheet HTML 12Page - Texas Instruments TLC59025IPWR Datasheet HTML 13Page - Texas Instruments TLC59025IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Switching Characteristics
TLC59025
SLVS934 – JUNE 2009 ...................................................................................................................................................................................................... www.ti.com
VDD = 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH1
Low-to-high propagation delay time, CLK to OUTn
20
35
55
ns
tPLH2
Low-to-high propagation delay time, LE to OUTn
20
35
55
ns
tPLH3
Low-to-high propagation delay time, OE to OUTn
20
35
55
ns
tPLH4
Low-to-high propagation delay time, CLK to SDO
20
30
ns
tPHL1
High-to-low propagation delay time, CLK to OUTn
15
28
42
ns
tPHL2
High-to-low propagation delay time, LE to OUTn
15
28
42
ns
tPHL3
High-to-low propagation delay time, OE to OUTn
15
28
42
ns
tPHL4
High-to-low propagation delay time, CLK to SDO
20
30
ns
tw(CLK)
Pulse duration, CLK
10
ns
VIH = VDD, VIL = GND,
tw(L)
Pulse duration LE
Rext = 720 Ω, VL = 4 V,
10
ns
RL = 88 Ω, CL = 10 pF
tw(OE)
Pulse duration, OE
200
ns
th(D)
Hold time, SDI
2
ns
tsu(D)
Setup time, SDI
3
ns
th(L)
Hold time, LE
5
ns
tsu(L)
Setup time, LE
5
ns
tr
Rise time, CLK(1)
500
ns
tf
Fall time, CLK(1)
500
ns
tor
Rise time, outputs (off)
25
45
65
ns
tof
Rise time, outputs (on)
7
12
20
ns
fCLK
Clock frequency
Cascade operation
30
MHz
(1)
If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two
cascaded devices.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59025


Similar Part No. - TLC59025IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI-TLC5902 Datasheet
306Kb / 22P
[Old version datasheet]   LED DRIVER
TLC5902 TI1-TLC5902 Datasheet
334Kb / 23P
[Old version datasheet]   LED DRIVER
TLC5902HTQFP TI-TLC5902HTQFP Datasheet
306Kb / 22P
[Old version datasheet]   LED DRIVER
TLC5902PZP TI1-TLC5902PZP Datasheet
334Kb / 23P
[Old version datasheet]   LED DRIVER
TLC5902 TI1-TLC5902_05 Datasheet
334Kb / 23P
[Old version datasheet]   LED DRIVER
More results

Similar Description - TLC59025IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com