Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC36 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV320AIC36
Description  Low Power Stereo Audio Codec With Embedded miniDSP
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC36 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC36 Datasheet HTML 6Page - Texas Instruments TLV320AIC36 Datasheet HTML 7Page - Texas Instruments TLV320AIC36 Datasheet HTML 8Page - Texas Instruments TLV320AIC36 Datasheet HTML 9Page - Texas Instruments TLV320AIC36 Datasheet HTML 10Page - Texas Instruments TLV320AIC36 Datasheet HTML 11Page - Texas Instruments TLV320AIC36 Datasheet HTML 12Page - Texas Instruments TLV320AIC36 Datasheet HTML 13Page - Texas Instruments TLV320AIC36 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
3.6
Electrical Characteristics – I/O
TLV320AIC36
Low Power Stereo Audio Codec With Embedded miniDSP
SBAS387 – MAY 2009
www.ti.com
At 25
°C, DVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC FAMILY
CMOS
VIH
Logic level
IIH = 5 µA, IOVDD > 1.6 V
0.7
× IOVDD
V
IIH = 5µA, 1.2 V ≤ IOVDD <1.6 V
0.9
× IOVDD
V
IIH = 5µA, IOVDD < 1.2 V
IOVDD
V
VIL
IIL = 5 µA, IOVDD > 1.6 V
–0.3
0.3
× IOVDD
V
IIL = 5µA, 1.2 V ≤ IOVDD <1.6 V
0.1
× IOVDD
V
IIL = 5µA, IOVDD < 1.2 V
0
V
VOH
IOH = 2 TTL loads
0.8
× IOVDD
V
VOL
IOL = 2 TTL loads
0.1
× IOVDD
V
Capacitive load
10
pF
CLOCK INPUT MCLK
Rate
50
MHz
tw(H)
Clock pulse width high
10
ns
tw(L)
Clock pulse width low
10
ns
DIGMIC INPUT
Setup relative to
ts
25
ns
DIGMIC_CLK edge
Hold relative to
th
0
ns
DIGMIC_CLK edge
ELECTRICAL SPECIFICATIONS
10
Submit Documentation Feedback


Similar Part No. - TLV320AIC36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com