Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC36IZQE Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC36IZQE
Description  Low Power Stereo Audio Codec With Embedded miniDSP
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC36IZQE Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC36IZQE Datasheet HTML 1Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 2Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 3Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 4Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 5Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 6Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 7Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 8Page - Texas Instruments TLV320AIC36IZQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 160 page
background image
TLV320AIC36
Low Power Stereo Audio Codec With Embedded miniDSP
SBAS387 – MAY 2009
www.ti.com
Pin Functions
PIN
DESCRIPTION
BALL
NAME
G9
AVDD_ADC
Positive supply for ADC and PLL
G6
LINEIN_L
Left line input
J6
MIC1_P
Internal mic #1 input (plus)
H6
MIC1_M
Internal mic #1 input (minus)
H7
EXTMIC_P
External mic input (plus)
J7
EXTMIC_M
External mic input (minus)
H8
MIC2_P
Internal mic #2 input (plus)
G8
MIC2_M
Internal mic #2 input (minus)
G7
LINEIN_R
Right line input
J9
VCM_ADC
ADC common mode level
H9
GND_ADC
Analog ground for ADC and PLL
E8,E9
AVDD_HP
Positive supply for headphone amps
F9
HPL
Left headphone output
J8
HP_COM
Headphone amp common (signal ground)
F7
HPR
Right headphone output
F8, C9
AVSS_HP
Negative supply for headphone amps
D8
RECL
Left receiver out
E7
GND_HP
Signal ground for HP and receiver amps
D9
RECR
Right receiver out
A6
AVDD_DAC
Positive supply for DAC and lineout amps
B7
GND_DAC
Signal ground for DAC
B6
LINEOUT_LP
Left line output (Pos)
A7
LINEOUT_LM
Left line output (Neg)
C6
LINEOUT_RP
Right line out (Pos)
A8
LINEOUT_RM
Right line out (Neg)
B8
AVSS_DAC
Negative supply for DAC and lineout amps
A9
AVDD_BIAS
Supply for mic bias and detect blocks
C8
EXTMIC_BIAS
Bias voltage for external microphone
B9
INTMIC_BIAS
Bias voltage for internal microphone
C7
DETECT
Microphone impedance detect
D6
HOOK
Hookswitch detect
D7
GND_BIAS
Ground for mic bias and detect blocks
A1, B2
AVDD_CP
Charge pump supply
C1,D2
GND_CP
Charge pump ground
B1,C2
FC_POS
Flying capacitor for charge pump
D1, E2
FC_NEG
Flying capacitor for charge pump
H1,G3
AVDD_REG
Positive regulator supply input
F3
GND_REG
Regulator ground
E1, E3
AVSS_REG
Negative regulator supply input/charge pump output
G1,G2
AVDD1
Primary positive LDO output (DAC VDD LDO)
F1, F2
AVSS1
Primary negative LDO output (DAC VSS LDO)
J1
AVDD2
Secondary positive LDO output (ADC VDD LDO)
A3
BCLK
Audio serial bus bit clock
B4
WCLK
Audio serial bus word clock
C5
DIN
Audio serial bus data input (DAC Data)
B3
DOUT
Audio serial bus data output (ADC Data)
PACKAGE AND SIGNAL DESCRIPTIONS
4
Submit Documentation Feedback


Similar Part No. - TLV320AIC36IZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC36IZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com