Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3007 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3007
Description  LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3007 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC3007 Datasheet HTML 1Page - Texas Instruments TLV320AIC3007 Datasheet HTML 2Page - Texas Instruments TLV320AIC3007 Datasheet HTML 3Page - Texas Instruments TLV320AIC3007 Datasheet HTML 4Page - Texas Instruments TLV320AIC3007 Datasheet HTML 5Page - Texas Instruments TLV320AIC3007 Datasheet HTML 6Page - Texas Instruments TLV320AIC3007 Datasheet HTML 7Page - Texas Instruments TLV320AIC3007 Datasheet HTML 8Page - Texas Instruments TLV320AIC3007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TLV320AIC3007
www.ti.com ..................................................................................................................................................................................................... SLOS619 – APRIL 2009
LOW-POWER STEREO AUDIO CODEC
WITH INTEGRATED MONO CLASS-D AMPLIFIER
• Extensive Modular Power Control
2
• Stereo CODEC with Integrated Mono Class-D
• Power Supplies:
Amplifier
Speaker Amp: 2.7 V–5.5 V
• High Performance Audio DAC
Analog: 2.7 V–3.6 V.
93 dBA Signal-to-Noise Ratio (Single
Digital Core: 1.525 V–1.95 V
Ended)
Digital I/O: 1.1 V–3.6 V
16/20/24/32-Bit Data
• Packages: 5 × 5 mm 40-QFN, 0.4 mm Pitch
Supports Sample Rates From 8 kHz to 96
kHz
3D/Bass/Treble/EQ/De-Emphasis Effects
• Portable Navigation Devices
Flexible Power Saving Modes and
• Digital Still or Video Cameras
Performance are Available
• Cellular Handsets
• High Performance Audio ADC
• Portable Media Players
• General Portable Audio Equipment
87 dBA Signal-to-Noise Ratio
Supports Rates From 8 kHz to 96 kHz
Digital Signal Processing and Noise
Filtering Available During Record
The TLV320AIC3007 is a low power stereo audio
codec with stereo headphone amplifier, and mono
• Seven Audio Input Pins
class-D speaker driver, as well as multiple inputs and
Programmable as 6 Single-Ended or 3 Fully
outputs
programmable
in
single-ended
or
fully
Differential Inputs
differential configurations. Extensive register-based
power control is included, enabling stereo 48-kHz
Capability for Floating Input Configurations
DAC playback as low as 15 mW from a 3.3-V analog
• Multiple Audio Output Drivers
supply, making it ideal for portable battery-powered
Mono Fully Differential or Stereo
audio and telephony applications.
Single-Ended Headphone Drivers
The record path of the TLV320AIC3007 contains
Single-Ended Stereo Line Outputs
integrated microphone bias, digitally controlled stereo
• Mono Class-D 1W BTL 8Ω Speaker Driver
microphone preamplifier, and automatic gain control
(AGC), with mix/mux capability among the multiple
• Low Power Consumption: 15-mW Stereo
analog inputs. Programmable filters are available
48-kHz Playback With 3.3-V Analog Supply
during record which can remove audible noise that
• Ultra-Low Power Mode with Passive Analog
can occur during optical zooming in digital cameras.
Bypass
The playback path includes mix/mux capability from
• Programmable Input/Output Analog Gains
the
stereo
DAC
and
selected
inputs,
through
programmable
volume
controls,
to
the
various
• Automatic Gain Control (AGC) for Record
outputs.
• Programmable Microphone Bias Level
The
TLV320AIC3007
contains
three
high-power
• Programmable PLL for Flexible Clock
output drivers as well as two single-ended line output
Generation
drivers, and a differential class-D output driver.
• I2C™ Control Bus
• Audio Serial Data Bus Supports I2S,
Left/Right-Justified, DSP, and TDM Modes
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of Philips Electronics.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC3007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
More results

Similar Description - TLV320AIC3007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
[Old version datasheet]   TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com