Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2421-2DDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2421-2DDA
Description  3-V to 20-V Integrated FET Hot Swap
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2421-2DDA Datasheet(HTML) 3 Page - Texas Instruments

  TPS2421-2DDA Datasheet HTML 1Page - Texas Instruments TPS2421-2DDA Datasheet HTML 2Page - Texas Instruments TPS2421-2DDA Datasheet HTML 3Page - Texas Instruments TPS2421-2DDA Datasheet HTML 4Page - Texas Instruments TPS2421-2DDA Datasheet HTML 5Page - Texas Instruments TPS2421-2DDA Datasheet HTML 6Page - Texas Instruments TPS2421-2DDA Datasheet HTML 7Page - Texas Instruments TPS2421-2DDA Datasheet HTML 8Page - Texas Instruments TPS2421-2DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS
TPS2421-1
TPS2421-2
www.ti.com .................................................................................................................................................. SLUS907A – JANUARY 2009 – REVISED MARCH 2009
Unless otherwise noted: 3 V
≤ VIN ≤ 18 V, EN = 0 V, PG = FLT = open, ROUT = open, CLOAD = 0, RSET = 49.9 kΩ, –40°C ≤ TJ
125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
UVLO
VIN rising
2.6
2.85
2.9
V
Hysteresis
150
mV
Bias current
EN = 2.4V
25
100
µA
EN = 0V
3.9
5
mA
VIN, VOUT
RVIN-VOUT, IVOUT < IRMAX or
RON
33
50
m
IVOUT < (ISET × 1.25), 1 A ≤ IVOUT ≤ 4.5 A
Power limit TPS242x
VIN: 12 V, COUT = 1000 µF EN: 3 V → 0 V
3
5
7.5
V
Reverse diode
VOUT > VIN , EN = 5 V, IIN = –1 A
0.77
1.0
voltage
ISET
IVOUT ↑, ICT: sinking → sourcing, pulsed test
RRSET = 200 kΩ
0.80
1.2
0°C
≤ TJ ≤ 85°C
RRSET = 100 kΩ
1.80
2.2
Fault current
ISET
RRSET = 49.9 kΩ
3.60
4.40
A
threshold
RRSET = 200 kΩ
0.75
1.25
-40°C
≤ TJ ≤ 125°C
RRSET = 100 kΩ
1.75
2.25
RRSET = 49.9 kΩ
3.60
4.40
RRSET = 200 kΩ
1.1
1.8
2.6
ILIM /
Ratio ILIM / IFLT
RRSET = 100 kΩ
1.1
1.5
2.1
IFLT
RRSET = 49.9 kΩ
1.1
1.4
1.6
RRSET = 200 kΩ
1.1
1.8
2.4
ILIM
Current limit
IVOUT rising, VVIN-VOUT = 0.3 V, pulsed test
RRSET = 100 kΩ
2.3
3.0
3.7
RRSET = 49.9 kΩ
4.6
5.5
6.3
CT
ICT sourcing, VCT = 1 V, In current limit
29
35
41
Charge/discharge
µA
current
ICT sinking, VCT = 1 V, drive CT to 1 V, measure current
1.0
1.4
1.8
VCT rising
1.3
1.4
1.5
Threshold voltage
V
VCT falling, drive CT to 1 V, measure current
0.1
0.16
0.3
ON/OFF fault duty
VVOUT = 0 V
2.8%
3.7%
4.6%
cycle
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2421-1 TPS2421-2


Similar Part No. - TPS2421-2DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2421-2DDA TI1-TPS2421-2DDA Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
TPS2421-2DDAR TI1-TPS2421-2DDAR Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
More results

Similar Description - TPS2421-2DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com