Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2459 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2459
Description  12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2459 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2459 Datasheet HTML 4Page - Texas Instruments TPS2459 Datasheet HTML 5Page - Texas Instruments TPS2459 Datasheet HTML 6Page - Texas Instruments TPS2459 Datasheet HTML 7Page - Texas Instruments TPS2459 Datasheet HTML 8Page - Texas Instruments TPS2459 Datasheet HTML 9Page - Texas Instruments TPS2459 Datasheet HTML 10Page - Texas Instruments TPS2459 Datasheet HTML 11Page - Texas Instruments TPS2459 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
DEVICE INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
VINT
SDA
SCL
PG12
SUM12
FLT12
OUT12
BLK
PowerPAD
TM
TPS2459
(Top View)
24
23
22
21
20
19
18
17
25
AGND
VDD3
SUM3
PG3
FLT3
GNDS
OUT3
A1
3-V
Inputs
12-V Inputs
12-V
Inputs
TPS2459
SLUS917 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
Figure 1.
TERMINAL FUNCTIONS
PIN
NAME
I/O
DESCRIPTION
NO.
A0
30
I
I2C™ address programming bit, LSB
A1
18
I
I2C™ address programming bit, LSB+1
A2
25
I
I2C™ address programming bit, LSB+2
Analog ground. Ground pin for the analog circuitry insideBypass capacitor connection point for internal supply
AGND
23
the TPS2459.
12-V blocking transistor gate drive. Gate drive pin for the 12-V channel BLK FET. This pin sources 30
µA to
BLK
6
O
turn the FET on. An internal clam prevents this pin from rising more than 14.5 V above OUT12. Setting the
OREN pin high holds the BLK pin low.
12-V enable. (active high). Pulling this pin low turns off the 12-V channel by pulling both BLK and PASS low.
EN12
28
I
An internal 200-k
Ω resistor pulls this pin up to VINT when disconnected.
3-V enable. (active high) Pulling this pin low turns off the 3-V channel by pulling the gate of the internal pass
EN3
26
I
FET to GND. An internal 200-k
Ω resistor pulls this pin up to VINT when disconnected.
12-V fault output (active low) Open-drain output indicating that channel 12 has remained in current limit long
FLT12
7
O
enough to time out the fault timer and shut the channel down. asserted when 12-V fault timer runs out
3-V fault output (active low) Open-drain output indicating that channel 3 has remained in current limit long
FLT3
19
O
enough to time out the fault timer and shut the channel down. asserted when 3-V fault timer runs out
GNDA
29
12-V power ground.
GNDB
9
GNDE
27
GNDN
31
Ground.
GNDS
24
IN3
16
I
3-V input. Supply pin for the 3-V channel internal pass FET.
IN12
15
I
12-V input. Supply pin for 12-V channel internal circuitry.
NC
32
No connection.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2459


Similar Part No. - TPS2459

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459 TI1-TPS2459 Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2459RHB TI1-TPS2459RHB Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2459RHBR TI1-TPS2459RHBR Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2459RHBT TI1-TPS2459RHBT Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2459 TI1-TPS2459_16 Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
More results

Similar Description - TPS2459

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459 TI1-TPS2459_16 Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458 TI-TPS2458 Datasheet
983Kb / 28P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com