Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2459RHB Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2459RHB
Description  12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2459RHB Datasheet(HTML) 2 Page - Texas Instruments

  TPS2459RHB Datasheet HTML 1Page - Texas Instruments TPS2459RHB Datasheet HTML 2Page - Texas Instruments TPS2459RHB Datasheet HTML 3Page - Texas Instruments TPS2459RHB Datasheet HTML 4Page - Texas Instruments TPS2459RHB Datasheet HTML 5Page - Texas Instruments TPS2459RHB Datasheet HTML 6Page - Texas Instruments TPS2459RHB Datasheet HTML 7Page - Texas Instruments TPS2459RHB Datasheet HTML 8Page - Texas Instruments TPS2459RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS2459
SLUS917 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
ORDERING INFORMATION
DEVICE
TEMPERATURE
PACKAGE
ORDERING CODE
MARKING
TPS2459
-40°C to 85°C
QFN-32
TPS2459RHB
TPS2459
over –40°C
≤ TJ ≤ 85°C (unless otherwise noted)
VALUE
UNIT
BLK, PASS
0 to 30
IN12, OUT12, SENM, SENP, SET
0 to 17
EN3, EN12, IN3, OUT3, OREN, SCL, SDA, SUM, VDD,
0 to 5
V
AGND, GND
–0.3 to 0.3
A0, A1, A2
0 to VINT
Human Body Model
2
ESD
kV
Charged Device Model
0.5
SUMx
5
VINT
–1 to 1
mA
OUT3 continuous current
250
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device under any conditions beyond those indicated under recommended operating conditions is
neither implied nor guaranteed. Exposure to absolute maximum rated conditions for extended periods of time may affect device
reliability.
PACKAGE
θJ
A HIGH-K (°C/W)
θJ
A LOW-K (°C/W)
QFN32 - RHB
34
93
over –40°C
≤ TJ ≤ 85°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VIN12
12-V input supply
8.5
12
15
VIN3
3
3.3
4
V
3.3-V input supply
VVDD3
3
3.3
4
IOUT3
3.3-V output current
165
mA
ISUMx
Summing pin current
100
1000
µA
PASS pin board leakage current
-1
1
VINT bypass capacitance
1
10
250
nF
TJ
Operating junction temperature range
-40
125
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2459


Similar Part No. - TPS2459RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459RHB TI1-TPS2459RHB Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2459RHBR TI1-TPS2459RHBR Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2459RHBT TI1-TPS2459RHBT Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
More results

Similar Description - TPS2459RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459 TI1-TPS2459_16 Datasheet
1Mb / 48P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458 TI-TPS2458 Datasheet
983Kb / 28P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com