Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7.5-10000-420T-L25 Datasheet(PDF) 3 Page - ASM GmbH

Part # WS7.5-10000-420T-L25
Description  analog or SSI output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-420T-L25 Datasheet(HTML) 3 Page - ASM GmbH

  WS7.5-10000-420T-L25 Datasheet HTML 1Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 2Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 3Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 4Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 5Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 6Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 7Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 8Page - ASM GmbH WS7.5-10000-420T-L25 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
28
CAT-WS-E-05
ASM
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
[mm]
Maximum pull-out force
[N]
Minimum pull-in force
[N]
10000 - 30000
8.0
4.2
40000
7.0
3.4
Specifications
(Continuation)
Linearity
Analog up to ±0.05 % f.s.
Encoder up to ±0.01 % f.s.
Protection class
IP52
Weight
10 kg max.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Dimensions
Output
Design
A
B
C
Analog
Closed housing
with connector
––
34
(Connector position)
Encoder
Mounting flange
Depending on encoder type
79.5
ME
Fastening flange
Mounting flange by ASM
Connectable coupling by ASM
Model WS7.5
with analog output,
or with absolute or incremental encoder output
Dimensions informative only.
For guaranteed dimensions
consult factory
Option SB0
Outline drawing


Similar Part No. - WS7.5-10000-420T-L25

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-1 ASM-SENSOR-WS7.0-10000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-10 ASM-SENSOR-WS7.0-10000-10 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-5 ASM-SENSOR-WS7.0-10000-5 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-15000-1 ASM-SENSOR-WS7.0-15000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
More results

Similar Description - WS7.5-10000-420T-L25

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
   Analog, SSI or CANopen Output
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
   Analog or Digital Triple Output DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com