Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22949A Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS22949A
Description  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22949A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22949A Datasheet HTML 3Page - Texas Instruments TPS22949A Datasheet HTML 4Page - Texas Instruments TPS22949A Datasheet HTML 5Page - Texas Instruments TPS22949A Datasheet HTML 6Page - Texas Instruments TPS22949A Datasheet HTML 7Page - Texas Instruments TPS22949A Datasheet HTML 8Page - Texas Instruments TPS22949A Datasheet HTML 9Page - Texas Instruments TPS22949A Datasheet HTML 10Page - Texas Instruments TPS22949A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LOW-NOISE LDO REGULATOR
TPS22949
TPS22949A
www.ti.com.................................................................................................................................................... SLVS908B – FEBRUARY 2009 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUTLDO
Output voltage(1)
1.76
1.8
1.84
V
VIN line regulation
VIN = VOUTLDO + 0.5 V to 4.5 V, IOUT = 1 mA
±0.1
%/V
ΔVOUTLDO/ΔVIN
VIN line transient
ΔVIN = 400 mV, tr = tf = 1 µs
±2
mV
VIN = VOUTLDO + 1.4 V or 2.5 V, whichever is > 5.5 V,
V+ line regulation
±0.1
%/V
IOUT = 1 mA
ΔVOUTLDO/ΔV+
V+ line transient
ΔVIN = 600 mV, tr = tf = 1 µs
±5
mV
Load regulation
IOUT2 = 0 to 100 mA (no load to full load)
±0.01
%/V
ΔVOUTLDO/ΔIOUT2
Load transient
IOUT2 = 0 to 100 mA, tr = tf = 1 µs
±35
mV
Dropout voltage
VIN = VOUTLDO(NOM) – 0.1 V, V+ – VOUTLDO(NOM) = 1.4 V,
VDO
110
200
mV
(VDO = VIN – VOUTLDO)
IOUT = 100 mA
f = 10 Hz
75
f = 100 Hz
75
VOUTCL – VOUTLDO ≥ 0.5 V,
f = 1 kHz
80
Power-supply
VIN PSRR
V+ = VOUTLDO + 1.4 V,
dB
rejection ratio
f = 10 kHz
80
IOUT = 100 mA,
f = 100 kHz
85
f = 1 MHz
85
f = 10 Hz
80
f = 100 Hz
80
VOUTCL – VOUTLDO ≥ 0.5 V,
f = 1 kHz
75
Power-supply
V+ PSRR
V+ = VOUTLDO + 1.4 V,
dB
rejection ratio
f = 10 kHz
65
IOUT = 100 mA,
f = 100 kHz
55
f = 1 MHz
35
V+ ≥2.5 V,
VN
Output noise voltage
BW = 10 Hz to 100 kHz
50
µVrms
VOUTLDO = VOUTCL + 0.5 V
VOUT = 95%,
tSTR
Startup time
130
250
µs
VOUT(NOM), IOUT = 100 mA, COUT = 2.2 µF
Undervoltage lockout
V+ rising
2.3
2.45
2.55
V
UVLO-V+
Hysteresis
V+ falling
150
mV
(1)
LDO output voltage is fixed at 1.8 V. However, output voltages from 0.9 V to 3.6 V in 50 mV increments are available through the use of
innovative factory EEPROM programming; minimum order quantities may apply. Contact factory for details and availability.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS22949 TPS22949A


Similar Part No. - TPS22949A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949A TI-TPS22949A Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949A TI-TPS22949A Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949ADRGR TI-TPS22949ADRGR Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949ADRGR TI-TPS22949ADRGR Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results

Similar Description - TPS22949A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com