Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22951 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22951
Description  CURRENT-LIMITED 1-廓 SMART-LOAD SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22951 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22951 Datasheet HTML 1Page - Texas Instruments TPS22951 Datasheet HTML 2Page - Texas Instruments TPS22951 Datasheet HTML 3Page - Texas Instruments TPS22951 Datasheet HTML 4Page - Texas Instruments TPS22951 Datasheet HTML 5Page - Texas Instruments TPS22951 Datasheet HTML 6Page - Texas Instruments TPS22951 Datasheet HTML 7Page - Texas Instruments TPS22951 Datasheet HTML 8Page - Texas Instruments TPS22951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
TPS22951
SLVS788A – FEBRUARY 2009 – REVISED MARCH 2009................................................................................................................................................ www.ti.com
over operating –40°C
≤ TJ ≤ 85°C range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Power Switch
Static drain-source on-state
rDS(on)
VCC = 3 V, IO = 0.3 A
1
resistance, 3-V operation
VCC = 5.3 V
41
CL = 1 µF,
tr
(2)
Rise time, output
TJ = 25°C
µs
RL = 20 Ω
VCC = 2.8 V
6
VCC = 5.3 V
43
CL = 1 µF,
tf
(2)
Fall time, output
TJ = 25°C
µs
RL = 20 Ω
VCC = 2.8 V
43
Leakage current
PWR connected to GND, VI(EN) = 0 V
1
µA
EN and DET
VIH
High-level input voltage
2.8 V
≤ VCC ≤ 5.3 V
1.35
V
VIL
Low-level input voltage
2.8 V
≤ VCC ≤ 5.3 V
0.45
V
II
Input current
VI(EN) or VI(DET) = 0 V or 5.3 V
1
µA
Turn-on time (EN to PWR)
CL = 1 µF, RL = 20 Ω
42
ton
(2)
VCC = 5.3 V
µs
Turn-on time (EN to POK)
CP = 15 pF, RP = 10 kΩ
9.5
Turn-off time (EN to PWR)
CL = 1 µF, RL = 20 Ω
48
toff
(2)
VCC = 5.3 V
µs
Turn-off time (EN to POK)
CP = 15 pF, RP = 10 kΩ
47
Current Limit
VCC = 2.8 V or 5.3 V, PWR connected to GND,
IOS
Short-circuit output current
–0.3
–0.6
A
Device enabled into short circuit
Supply Current
No load on PWR, VCC = 5.3 V, VI(EN) = VCC,
Supply current, enabled
100
µA
VI(DET) = VCC or 0 V
No load on PWR, VCC = 5.3 V, VI(EN) = 0 V,
Supply current, disabled
10
µA
VI(DET) = VCC or 0 V
POK
VOL(POK)
Power OK output low voltage
I(POK) = 1 mA
0.4
V
Off-state current
V(POK) = 5.3 V
1
µA
Thermal Shutdown
Thermal shutdown threshold(2)
135
°C
Recovery from thermal
125
°C
shutdown(2)
Hysteresis(2)
25
°C
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Not tested in production, specified by design
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
tsu
Setup time, DET low before EN high
2
µs
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22951


Similar Part No. - TPS22951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results

Similar Description - TPS22951

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3511 EUTECH-EUP3511 Datasheet
153Kb / 1P
   1 AMP CURRENT LIMITED LOAD SWITCH
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com