Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6211PBK167 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320C6211PBK167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6211PBK167 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6211PBK167 Datasheet HTML 3Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 4Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 5Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 6Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 7Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 8Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 9Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 10Page - Texas Instruments TMS320C6211PBK167 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device compatibility
The TMS320C6211/C6211B and C6711/C6711B devices are pin-compatible and have the same peripheral set;
thus, making new system designs easier and providing faster time to market. The following list summarizes the
device characteristic differences among the C6211, C6211B, C6711, and C6711B devices:
D The C6211 and C6211B devices have a fixed-point C62x CPU, while the C6711 and C6711B devices have
a floating-point C67x CPU.
D The C6211/C6211B device runs at -167 and -150 MHz clock speeds (with a C6211BGFNA extended
temperature device that also runs at -150 MHz), while the C6711/C6711B device runs at -150 and -100 MHz
(with a C6711BGFNA extended temperature device that also runs at -100 MHz).
For a more detailed discussion on the similarities/differences between the C6211 and C6711 devices, see the
How to Begin Development Today with the TMS320C6211 DSP and How to Begin Development with the
TMS320C6711 DSP application reports (literature number SPRA474 and SPRA522, respectively).


Similar Part No. - TMS320C6211PBK167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6211PYP167 TI-TMS320C6211PYP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6211PBK167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com