Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6711PBK167 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C6711PBK167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711PBK167 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6711PBK167 Datasheet HTML 1Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 2Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 3Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 4Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 5Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 6Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 7Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 8Page - Texas Instruments TMS320C6711PBK167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table of Contents
absolute maximum ratings over operating case
temperature range
42
. . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
42
. . . . . . . . . . . . . . . .
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
42
.
parameter measurement information
43
. . . . . . . . . . . . . . .
signal transition levels
43
. . . . . . . . . . . . . . . . . . . . . . . . . .
timing parameters and board routing analysis
44
. . . . . .
input and output clocks
46
. . . . . . . . . . . . . . . . . . . . . . . . . . .
asynchronous memory timing
49
. . . . . . . . . . . . . . . . . . . . .
synchronous-burst memory timing
52
. . . . . . . . . . . . . . . . .
synchronous DRAM timing
54
. . . . . . . . . . . . . . . . . . . . . . . .
HOLD/HOLDA timing
60
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
BUSREQ timing
61
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset timing
62
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
external interrupt timing
64
. . . . . . . . . . . . . . . . . . . . . . . . . .
host-port interface timing
65
. . . . . . . . . . . . . . . . . . . . . . . . .
multichannel buffered serial port timing
69
. . . . . . . . . . . . .
timer timing
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
JTAG test-port timing
81
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
mechanical data
82
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
revision history
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GFN and ZFN BGA packages (bottom view)
4
. . . . . . . . . . . .
description
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device characteristics
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device compatibility
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
functional block and CPU (DSP core) diagram
8
. . . . . . . . . . .
CPU (DSP core) description
9
. . . . . . . . . . . . . . . . . . . . . . . . . .
memory map summary
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
peripheral register descriptions
12
. . . . . . . . . . . . . . . . . . . . . . .
PWRD bits in CPU CSR register description
17
. . . . . . . . . . .
EDMA channel synchronization events
18
. . . . . . . . . . . . . . . .
interrupt sources and interrupt selector
19
. . . . . . . . . . . . . . . .
signal groups description
20
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
terminal functions
22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
development support
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
documentation support
33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
clock PLL
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-down logic
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply sequencing
39
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
IEEE 1149.1 JTAG compatibility statement
40
. . . . . . . . . . . . .
EMIF device speed
40
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
bootmode
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TMS320C6711PBK167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711BGFN100 TI-TMS320C6711BGFN100 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6711PBK167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com