Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54040DGQ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54040DGQ
Description  0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54040DGQ Datasheet(HTML) 2 Page - Texas Instruments

  TPS54040DGQ Datasheet HTML 1Page - Texas Instruments TPS54040DGQ Datasheet HTML 2Page - Texas Instruments TPS54040DGQ Datasheet HTML 3Page - Texas Instruments TPS54040DGQ Datasheet HTML 4Page - Texas Instruments TPS54040DGQ Datasheet HTML 5Page - Texas Instruments TPS54040DGQ Datasheet HTML 6Page - Texas Instruments TPS54040DGQ Datasheet HTML 7Page - Texas Instruments TPS54040DGQ Datasheet HTML 8Page - Texas Instruments TPS54040DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TPS54040
SLVS918 – MARCH 2009................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER(2)
–40°C to 150°C
10 Pin MSOP
TPS54040DGQ
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DGQ package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54040DGQR).
Over operating temperature range (unless otherwise noted).
VALUE
UNIT
VIN
–0.3 to 47
EN
–0.3 to 5
BOOT
55
VSENSE
–0.3 to 3
Input voltage
V
COMP
–0.3 to 3
PWRGD
–0.3 to 6
SS/TR
–0.3 to 3
RT/CLK
–0.3 to 3.6
BOOT-PH
8
Output voltage
PH
–0.6 to 47
V
PH, 10-ns Transient
–2 to 47
Voltage Difference
PAD to GND
±200
mV
EN
100
µA
BOOT
100
mA
Source current
VSENSE
10
µA
PH
Current Limit
A
RT/CLK
100
µA
VIN
Current Limit
A
COMP
100
µA
Sink current
PWRGD
10
mA
SS/TR
200
µA
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)
1
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating junction temperature
–40 to 150
°C
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54040


Similar Part No. - TPS54040DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040DGQ TI-TPS54040DGQ Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040DGQ TI1-TPS54040DGQ Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
TPS54040DGQR TI-TPS54040DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040DGQR TI1-TPS54040DGQR Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results

Similar Description - TPS54040DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54240-Q1 TI1-TPS54240-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI1-TPS54240_14 Datasheet
1Mb / 54P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com