Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54325PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54325PWPR
Description  4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54325PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54325PWPR Datasheet HTML 1Page - Texas Instruments TPS54325PWPR Datasheet HTML 2Page - Texas Instruments TPS54325PWPR Datasheet HTML 3Page - Texas Instruments TPS54325PWPR Datasheet HTML 4Page - Texas Instruments TPS54325PWPR Datasheet HTML 5Page - Texas Instruments TPS54325PWPR Datasheet HTML 6Page - Texas Instruments TPS54325PWPR Datasheet HTML 7Page - Texas Instruments TPS54325PWPR Datasheet HTML 8Page - Texas Instruments TPS54325PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS54325
SLVS932A – MAY 2009 – REVISED JULY 2009 ................................................................................................................................................................ www.ti.com
ORDERING INFORMATION(1)
TRANSPORT
TA
PACKAGE(2)(3)
ORDERABLE PART NUMBER
ECO PLAN
MEDIA, QUANTITY
TPS54325PWP
Tube
PowerPAD™
Green
–45°C to 85°C
(HTSSOP) – PWP
(RoHS & no Sb/Br)
TPS54325PWPR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN, VCC, EN
–0.3 to 20
V
VBST
–0.3 to 26
V
VBST (vs SW1, SW2)
–0.3 to 6.5
V
VI
Input voltage range
VFB, VO, SS, PG
–0.3 to 6.5
V
SW1, SW2
–2 to 20
V
SW1, SW2 (10 ns transient)
–3 to 20
V
VREG5
–0.3 to 6.5
V
VO
Output voltage range
PGND1, PGND2
–0.3 to 0.3
V
Vdiff
Voltage from GND to POWERPAD
–0.2 to 0.2
V
Human Body Model (HBM)
2
kV
ESD rating Electrostatic discharge
Charged Device Model (CDM)
500
V
TJ
Operating junction temperature
–40 to 150
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2 oz. trace and copper pad with solder)
TA = 25°C
TA = 85°C
PACKAGE
θ
JA
POWER RATING
POWER RATING
PWP
44.5°C/W
2.25 W
0.9 W
(1)
Rating based on JEDEC high thermal conductivity (High K) board with 2 x 2 arrays of thermal vias. See Texas Instruments application
report (SLMA002) regarding thermal characteristic of the PowerPAD™ package.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply input voltage range
4.5
18
V
VIN
Power input voltage range
2
18
V
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54325


Similar Part No. - TPS54325PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325PWPR TI-TPS54325PWPR Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54325PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54427 TI1-TPS54427 Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com