Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160ADRV Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61160ADRV
Description  White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61160ADRV Datasheet(HTML) 2 Page - Texas Instruments

  TPS61160ADRV Datasheet HTML 1Page - Texas Instruments TPS61160ADRV Datasheet HTML 2Page - Texas Instruments TPS61160ADRV Datasheet HTML 3Page - Texas Instruments TPS61160ADRV Datasheet HTML 4Page - Texas Instruments TPS61160ADRV Datasheet HTML 5Page - Texas Instruments TPS61160ADRV Datasheet HTML 6Page - Texas Instruments TPS61160ADRV Datasheet HTML 7Page - Texas Instruments TPS61160ADRV Datasheet HTML 8Page - Texas Instruments TPS61160ADRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS61160A
TPS61161A
SLVS937 – MARCH 2009................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
OPEN LED PROTECTION
PACKAGE(2)
PACKAGE MARKING
26V (typical)
TPS61160ADRV
OBV
–40°C to 85°C
38V (typical)
TPS61161ADRV
OBT
(1)
For the most current package and ordering information, see the TI Web site at www.ti.com.
(2)
The DRV package is available in tape and reel. Add R suffix (TPS61160ADRVR) to order quantities of 3000 parts per reel or add T
suffix (TPS61160ADRVT) to order 250 parts per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply Voltages on VIN (2)
–0.3 to 20
V
Voltages on CTRL(2)
–0.3 to 20
V
VI
Voltage on FB and COMP(2)
–0.3 to 3
V
Voltage on SW(2)
–0.3 to 40
V
PD
Continuous Power Dissipation
See Dissipation Rating Table
TJ
Operating Junction Temperature Range
–40 to 150
°C
TSTG
Storage Temperature Range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DERATING FACTOR
BOARD PACKAGE
RθJC
RθJA
TA < 25°C
TA = 70°C
TA = 85°C
ABOVE TA = 25°C
Low-K(1)DRV
20°C/W
140°C/W
7.1 mW/°C
715 mW
395 mW
285 mW
High-K (2)DRV
20°C/W
65°C/W
15.4 mW/°C
1540 mW
845 mW
615 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in×3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in×3in, multilayer board with 1-ounce internal power and ground planes
and 2-ounce copper traces on top and bottom of the board.
MIN
TYP
MAX
UNIT
VI
Input voltage range, VIN
2.7
18
V
VO
Output voltage range
VIN
38
V
L
Inductor(1)
10
22
µH
fdim
PWM dimming frequency(2)
5
100
kHz
Duty
PWM duty cycle resolution at 10kHz
0.5
%
at 30kHz
1.5
CIN
Input capacitor
1
µF
CO
Output capacitor(1)
0.47
10
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
These values are recommended values that have been successfully tested in several applications. Other values may be acceptable in
other applications but should be fully tested by the user.
(2)
The device can support the frequency range from 1kHz to 5kHz based on the specification, toff. The output ripple needs to be
considered in the range of 1kHz to 5kHz.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61160A TPS61161A


Similar Part No. - TPS61160ADRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVT TI1-TPS61160ADRVT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVT TI1-TPS61160ADRVT Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160ADRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Texas Instruments
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com